công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5390BCP-5 bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện AD5390BCP-5
Giải thích chi tiết về linh kiện  32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5390BCP-5 bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button AD5390BCP-5 Datasheet HTML 5Page - Analog Devices AD5390BCP-5 Datasheet HTML 6Page - Analog Devices AD5390BCP-5 Datasheet HTML 7Page - Analog Devices AD5390BCP-5 Datasheet HTML 8Page - Analog Devices AD5390BCP-5 Datasheet HTML 9Page - Analog Devices AD5390BCP-5 Datasheet HTML 10Page - Analog Devices AD5390BCP-5 Datasheet HTML 11Page - Analog Devices AD5390BCP-5 Datasheet HTML 12Page - Analog Devices AD5390BCP-5 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Preliminary Technical Data
AD5378
Rev. PrA | Page 9 of 28
PARALLEL INTERFACE
VCC = 2.7 V to 5.5 V; VDD = 11.4 V to 16.5 V; VSS = −11.4 V to −16.5 V; AGND = DGND = DUTGND = 0 V; VREF(+) = +5 V;
VREF(−) = −3.5 V, FIFOEN = 0 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 6.
Parameter1, ,
2 3
Limit at TMIN to TMAX
Unit
Description
t0
4.5
ns min
REG0, REG1, Address to WR Rising Edge Setup Time.
t1
4.5
ns min
REG0, REG1, Address to WR Rising Edge Hold Time.
t2
10
ns min
CS Pulse Width Low.
t3
10
ns min
WR Pulse Width Low.
t4
0
ns min
CS to WR Falling Edge Setup Time.
t5
0
ns min
WR to CS Rising Edge Hold Time.
t6
4.5
ns min
Data to WR Rising Edge Setup Time.
t7
4.5
ns min
Data to WR Rising Edge Hold Time.
t8
20
ns min
WR Pulse Width High.
t9
240
ns min
Minimum WR Cycle Time (Single-Channel Write).
t104
0/30
ns min/max
WR Rising Edge to BUSY Falling Edge.
t114
330
ns max
BUSY Pulse Width Low (Single-Channel Update). See Table 11.
t12
0
ns min
BUSY Rising Edge to WR Rising Edge.
t13
30
ns min
WR Rising Edge to LDAC Falling Edge.
t14
20
ns min
LDAC Pulse Width Low.
t154
150
ns typ
BUSY Rising Edge to DAC Output Response Time.
t16
20
ns min
LDAC Rising Edge to WR Rising Edge.
t17
0
ns min
BUSY Rising Edge to LDAC Falling Edge.
t18
100
ns typ
LDAC Falling Edge to DAC Output Response Time.
t19
20/30
µs typ/ max
DAC Output Settling Time.
t20
10
ns min
CLR Pulse Width Low.
t21
350
ns max
CLR/RESET Pulse Activation Time.
t22
10
ns min
RESET Pulse Width Low.
t23
120
µs max
RESET Time Indicated by BUSY
Low.
1 Guaranteed by design and characterization; not production tested.
2 All input signals are specified with tr = tf = 2 ns (10% to 90% of VCC) and timed from a voltage level of 1.2 V.
3 See
.
Figure 6
4 Measured with load circuit in Figure 2.


Số phần tương tự - AD5390BCP-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5390BCP-5 AD-AD5390BCP-5 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5390BCP-5 AD-AD5390BCP-5 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5390BCP-5-REEL AD-AD5390BCP-5-REEL Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5390BCP-5-REEL7 AD-AD5390BCP-5-REEL7 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
More results

Mô tả tương tự - AD5390BCP-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5378 AD-AD5378_15 Datasheet
582Kb / 29P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
REV. A
AD5379 AD-AD5379_15 Datasheet
630Kb / 29P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. B
AD5379 AD-AD5379 Datasheet
393Kb / 28P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. 0
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5371 AD-AD5371 Datasheet
300Kb / 25P
   40-Channel, 14-Bit Serial Input, Voltage-Output DAC
Rev. PrF
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
   32-Channel, 14-Bit Voltage-Output DAC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com