công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG658YCP-REEL7 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADG658YCP-REEL7
Giải thích chi tiết về linh kiện  3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG658YCP-REEL7 bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADG658YCP-REEL7 Datasheet HTML 1Page - Analog Devices ADG658YCP-REEL7 Datasheet HTML 2Page - Analog Devices ADG658YCP-REEL7 Datasheet HTML 3Page - Analog Devices ADG658YCP-REEL7 Datasheet HTML 4Page - Analog Devices ADG658YCP-REEL7 Datasheet HTML 5Page - Analog Devices ADG658YCP-REEL7 Datasheet HTML 6Page - Analog Devices ADG658YCP-REEL7 Datasheet HTML 7Page - Analog Devices ADG658YCP-REEL7 Datasheet HTML 8Page - Analog Devices ADG658YCP-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADG658/ADG659
Rev. A | Page 3 of 20
SPECIFICATIONS: DUAL SUPPLY
VDD = +5 V ± 10%, VSS = −5 V ± 10%, GND = 0 V, unless otherwise noted.1
Table 1.
Parameter
+25°C
B Version
−40°C
to +85°C
Y Version
−40°C
to+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
VDD = +4.5 V, VSS = −4.5 V
On Resistance (RON)
45
Ω typ
VS = ±4.5 V, IS = 1 mA;
75
90
100
Ω max
Test Circuit 1
On Resistance Match between
1.3
Ω typ
Channels (∆RON)
3
3.2
3.5
Ω max
VS = 3.5 V, IS = 1 mA
On Resistance Flatness (RFLAT(ON))
10
Ω typ
VDD = +5 V, VSS = −5 V;
16
17
18
Ω max
VS = ±3 V, IS = 1 mA
LEAKAGE CURRENTS
VDD = +5.5 V, VSS = −5.5 V
Source OFF Leakage IS (OFF)
±0.005
nA typ
VD = ±4.5 V, VS =
4.5 V;
m
±0.2
±5
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.005
nA typ
VD = ±4.5 V, VS =
4.5 V;
m
ADG658
±0.2
±5
nA max
Test Circuit 3
ADG659
±0.1
±2.5
nA max
Channel ON Leakage ID, IS (ON)
±0.005
nA typ
VD = VS = ±4.5 V; Test Circuit 4
ADG658
±0.2
±5
nA max
ADG659
±0.1
±2.5
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±1
µA max
CIN, Digital Input Capacitance
2
pF typ
DYNAMIC CHARACTERISTICS2
tTRANS
80
ns typ
RL = 300 Ω, CL = 35 pF
115
140
165
ns max
VS = 3 V; Test Circuit 5
tON (EN)
80
ns typ
RL = 300 Ω, CL = 35 pF
115
140
165
ns max
VS = 3 V; Test Circuit 7
tOFF (EN)
30
ns typ
RL = 300 Ω, CL = 35 pF
45
50
55
ns max
VS = 3 V; Test Circuit 7
Break-Before-Make Time Delay, tBBM
50
ns typ
RL = 300 Ω, CL = 35 pF
10
ns min
VS1 = VS2 = 3 V; Test Circuit 6
Charge Injection
2
pC typ
VS = 0 V, RS = 0 Ω,
4
pC max
CL = 1 nF; Test Circuit 8
Off Isolation
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; Test Circuit 9
Total Harmonic Distortion, THD + N
0.025
% typ
RL = 600 Ω, 2 V p-p, f = 20 Hz to 20 kHz
Channel-to-Channel Crosstalk
(ADG659)
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; Test Circuit 11
−3 dB Bandwidth
ADG658
210
MHz typ
RL = 50 Ω, CL = 5 pF;
ADG659
400
MHz typ
Test Circuit 10
CS (OFF)
4
pF typ
f = 1 MHz
CD (OFF)
ADG658
23
pF typ
f = 1 MHz
ADG659
12
pF typ
f = 1 MHz


Số phần tương tự - ADG658YCP-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG658YCP-REEL7 AD-ADG658YCP-REEL7 Datasheet
452Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
More results

Mô tả tương tự - ADG658YCP-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG658 AD-ADG658_09 Datasheet
452Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG608BRZ-REEL AD-ADG608BRZ-REEL Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608 AD-ADG608 Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609 AD-ADG609_15 Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com