công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC74AC125MEL bảng dữ liệu(PDF) 3 Page - ON Semiconductor |
|
MC74AC125MEL bảng dữ liệu(HTML) 3 Page - ON Semiconductor |
3 / 8 page MC74AC125, MC74ACT125 http://onsemi.com 3 DC CHARACTERISTICS 74AC 74AC Symbol Parameter VCC (V) TA = +25°C TA = –40 °C to +85 °C Unit Conditions Typ Guaranteed Limits VIH Minimum High Level 3.0 1.5 2.1 2.1 VOUT = 0.1 V g Input Voltage 4.5 2.25 3.15 3.15 V or VCC – 0.1 V 5.5 2.75 3.85 3.85 VIL Maximum Low Level 3.0 1.5 0.9 0.9 VOUT = 0.1 V Input Voltage 4.5 2.25 1.35 1.35 V or VCC – 0.1 V 5.5 2.75 1.65 1.65 VOH Minimum High Level 3.0 2.99 2.9 2.9 IOUT = – 50 µA g Output Voltage 4.5 4.46 4.4 4.4 V 5.5 5.49 5.4 5.4 *VIN = VIL or VIH 3.0 – 2.56 2.46 V –12 mA 4.5 – 3.86 3.76 V IOH – 24 mA 5.5 – 4.86 4.76 – 24 mA VOL Minimum Low Level 3.0 0.002 0.1 0.1 IOUT = 50 µA Output Voltage 4.5 0.001 0.1 0.1 V 5.5 0.001 0.1 0.1 *VIN = VIL or VIH 3.0 – 0.36 0.44 V 12 mA 4.5 – 0.36 0.44 V IOL 24 mA 5.5 – 0.36 0.44 24 mA IIN Maximum Input Leakage Current 5.5 – ±0.1 ±1.0 µA VI = VCC, GND IOZ VI (OE) = VIL, VIH VI (OE) = VIL, VIH I () IL, IH VI = VCC, GND 5.5 – ±0.5 ±5.0 µA VI = VCC, GND VO = VCC , GND µ VO = VCC, GND IOLD †Minimum Dynamic Ot t C t 5.5 – – 75 mA VOLD = 1.65 V Max IOHD Output Current 5.5 – – –75 mA VOHD = 3.85 V Min ICC Maximum Quiescent 55 – 80 80 µA VIN = VCC or GND Q Supply Current 5.5 – 8.0 80 µA IN CC *All outputs loaded; thresholds on input associated with output under test. †Maximum test duration 2.0 ms, one input loaded at a time. NOTE: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V. |
Số phần tương tự - MC74AC125MEL |
|
Mô tả tương tự - MC74AC125MEL |