công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7694 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD7694
Giải thích chi tiết về linh kiện  16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7694 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD7694 Datasheet HTML 1Page - Analog Devices AD7694 Datasheet HTML 2Page - Analog Devices AD7694 Datasheet HTML 3Page - Analog Devices AD7694 Datasheet HTML 4Page - Analog Devices AD7694 Datasheet HTML 5Page - Analog Devices AD7694 Datasheet HTML 6Page - Analog Devices AD7694 Datasheet HTML 7Page - Analog Devices AD7694 Datasheet HTML 8Page - Analog Devices AD7694 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
16-Bit, +/-0.65 LSB INL, 500 kSPS PulSAR®
Differential ADC in MSOP/QFN
Preliminary Technical Data
AD7693
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
APPLICATION DIAGRAM
16-bit resolution with no missing codes
AD7693
REF
GND
VDD
IN+
IN–
VIO
SDI
SCK
SDO
CNV
+1.8V TO VDD
3- OR 4-WIRE
INTERFACE
(SPI, DAISY CHAIN, CS)
+2.5V TO +5V
±10V, ±5V, ...
+5V
ADA4941-1
Throughput: 500 kSPS
INL: +/-0.25 LSB typical, ±0.65 LSB max (±10 ppm of FSR)
Dynamic range: 96.5 dB typical @ 500 kSPS
SINAD: 96 dB typical @ 1 kHz, REF = 5V
THD: −120 dB typical @ 1 kHz. REF = 5V
True differential analog input range: ±VREF
0 V to VREF with VREF up to VDD on both inputs
No pipeline delay
Figure 2.
Single-supply 5 V operation with
Table 1. MSOP, QFN1 (LFCSP)/SOT-23
14-/16-/18-Bit PulSAR ADC
1.8 V/2.5 V/3 V/5 V logic interface
Serial interface SPI®/QSPI™/MICROWIRE™/DSP-compatible
400 kSPS
to
500 kSPS
Daisy-chain multiple ADCs and busy indicator
100
kSPS
250
kSPS
ADC
Driver
Power dissipation
Type
4 mW @ 5 V/100 kSPS
18-Bit
AD7691
AD7690
ADA4941-1
40 μW @ 5 V/1 kSPS
ADA4841-x
Standby current: 1 nA
AD7684
AD7687
AD7688
10-lead package: MSOP (MSOP-8 size) and
3 mm × 3 mm QFN1 (LFCSP) (SOT-23 size)
Pin-for-pin compatible with the AD7687, AD7688 and 18-bit
AD7690 and AD7691
APPLICATIONS
Battery-powered equipment
Data acquisitions
Seismic data acquisition systems
DVMs
Instrumentation
Medical instruments
Figure 1. Integral Nonlinearity vs. Code
16-Bit True
Differential
AD7693
ADA4941-1
ADA4841-x
16-Bit Pseudo
AD7683
AD7685
AD7686
ADA4841-x
AD7680
AD7694
Differential/
Unipolar
14-Bit
AD7940
AD7942
AD7946
ADA4841-x
1 QFN package in development. Contact sales for samples and availability.
GENERAL DESCRIPTION
The AD7693 is a 16-bit, successive approximation, analog-to-
digital converter (ADC) that operates from a single power supply,
VDD. It contains a low power, high speed, 16-bit sampling ADC
with no missing codes, an internal conversion clock, and a
versatile serial interface port. On the CNV rising edge, it
samples the voltage difference between the IN+ and IN− pins.
The voltages on these pins swing in opposite phase between 0 V
and REF. The reference voltage, REF, is applied externally and
can be set up to the supply voltage, VDD.
Its power scales linearly with throughput.
The SPI-compatible serial interface also features the ability,
using the SDI input, to daisy-chain several ADCs on a single,
3-wire bus and provides an optional busy indicator. It is compatible
with 1.8 V, 2.5 V, 3 V, or 5 V logic, using the separate VIO supply.
The AD7693 is housed in a 10-lead MSOP or a 10-lead QFN1
(LFCSP) with operation specified from −40°C to +85°C.
1 QFN package in development. Contact sales for samples and availability.


Số phần tương tự - AD7694

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7694 AD-AD7694 Datasheet
448Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. 0
AD7694 AD-AD7694 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7694 AD-AD7694 Datasheet
319Kb / 16P
   16-Bit, 250 kSPS PulSAR
REV. B
AD7694 AD-AD7694 Datasheet
292Kb / 12P
   16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
More results

Mô tả tương tự - AD7694

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7688BRMRL7 AD-AD7688BRMRL7 Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
AD7688BRMZ AD-AD7688BRMZ Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. A
AD7687BRMZ AD-AD7687BRMZ Datasheet
469Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. B
AD7688 AD-AD7688 Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7691 AD-AD7691 Datasheet
898Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP/QFN
REV. 0
AD7687 AD-AD7687 Datasheet
616Kb / 27P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7686CRMZ AD-AD7686CRMZ Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7693BRMZ AD-AD7693BRMZ Datasheet
624Kb / 24P
   16-Bit, 짹0.5 LSB, 500 kSPS PulSAR짰 Differential ADC in MSOP/QFN
REV. A
AD7690BRMZ AD-AD7690BRMZ Datasheet
620Kb / 24P
   18-Bit, 1.5 LSB INL, 400 kSPS PulSAR짰 Differential ADC in MSOP/QFN
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com