công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2574N-12 bảng dữ liệu(PDF) 6 Page - ON Semiconductor

tên linh kiện LM2574N-12
Giải thích chi tiết về linh kiện  0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2574N-12 bảng dữ liệu(HTML) 6 Page - ON Semiconductor

Back Button LM2574N-12 Datasheet HTML 2Page - ON Semiconductor LM2574N-12 Datasheet HTML 3Page - ON Semiconductor LM2574N-12 Datasheet HTML 4Page - ON Semiconductor LM2574N-12 Datasheet HTML 5Page - ON Semiconductor LM2574N-12 Datasheet HTML 6Page - ON Semiconductor LM2574N-12 Datasheet HTML 7Page - ON Semiconductor LM2574N-12 Datasheet HTML 8Page - ON Semiconductor LM2574N-12 Datasheet HTML 9Page - ON Semiconductor LM2574N-12 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LM2574
http://onsemi.com
6
A
B
C
5 µs/DIV
TJ, JUNCTION TEMPERATURE (°C)
SWITCH CURRENT (A)
5 µs/DIV
TJ, JUNCTION TEMPERATURE (°C)
Figure 8. Oscillator Frequency
TJ, JUNCTION TEMPERATURE (°C)
Figure 9. Switch Saturation Voltage
Figure 10. Minimum Operating Voltage
Figure 11. Feedback Pin Current
Figure 12. Continuous Mode Switching Waveforms
Vout = 5.0 V, 500 mA Load Current, L = 330 µH
Figure 13. Discontinuous Mode Switching Waveforms
Vout = 5.0 V, 100 mA Load Current, L = 100 µH
Vin = 1.23 V
ILoad = 100 mA
Adjustable Version Only
Vin = 12 V
Normalized at 25°C
Adjustable Version Only
A
B
C
A: Output Pin Voltage, 10 V/DIV.
B: Inductor Current, 0.2 A/DIV.
C: Output Ripple Voltage, 20 mV/DIV, AC–Coupled
A: Output Pin Voltage, 10 V/DIV.
B: Inductor Current, 0.2 A/DIV.
C: Output Ripple Voltage, 20 mV/DIV, AC–Coupled
TYPICAL PERFORMANCE CHARACTERISTICS (Circuit of Figure 16) (continued)
8.0
6.0
4.0
2.0
0
-2.0
-4.0
-6.0
-8.0
10
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
100
80
60
40
20
0
-20
-40
-60
-80
-100
125
100
75
50
25
0
-25
-50
0
0.1
0.2
0.3
0.4
0.5
125
100
75
50
25
0
-25
-50
125
100
75
50
25
0
-25
-50
20 V
10 V
0
0.6 A
0.4 A
0.2 A
0
20 mV
AC
20 V
10 V
0
0.6 A
0.4 A
0.2 A
0
20 mV
AC
-40°C
25°C
125°C


Số phần tương tự - LM2574N-12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2574N-12 NSC-LM2574N-12 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2574N-12 ONSEMI-LM2574N-12 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
logo
Texas Instruments
LM2574N-12 TI1-LM2574N-12 Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2574N-12 ONSEMI-LM2574N-12 Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
logo
Texas Instruments
LM2574N-12/NOPB TI1-LM2574N-12/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
More results

Mô tả tương tự - LM2574N-12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LM2574 ONSEMI-LM2574_15 Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
KODENSHI_AUK CORP.
SN317MPI KODENSHI-SN317MPI Datasheet
376Kb / 8P
   [ 0.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com