công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2574DW-ADJ bảng dữ liệu(PDF) 4 Page - ON Semiconductor |
|
LM2574DW-ADJ bảng dữ liệu(HTML) 4 Page - ON Semiconductor |
4 / 28 page LM2574 http://onsemi.com 4 SYSTEM PARAMETERS ([Note 3] Test Circuit Figure 16) ELECTRICAL CHARACTERISTICS (continued) (Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and Adjustable version, Vin = 25 V for the 12 V version, Vin = 30 V for the 15 V version. ILoad = 100 mA. For typical values TJ = 25°C, for min/max values TJ is the operating junction temperature range that applies [Note 4], unless otherwise noted). Characteristic Symbol Min Typ Max Unit ALL OUTPUT VOLTAGE VERSIONS Feedback Bias Current Vout = 5.0 V (Adjustable Version Only) Ib nA TJ = 25°C – 25 100 TJ = –40 to +125°C – – 200 Oscillator Frequency (Note 5) fO kHz TJ = 25°C – 52 – TJ = 0 to +125°C 47 52 58 TJ = –40 to +125°C 42 – 63 Saturation Voltage (Iout = 0.5 A, [Note 6]) Vsat V TJ = 25°C – 1.0 1.2 TJ = –40 to +125°C – – 1.4 Max Duty Cycle (“on”) (Note 7) DC 93 98 – % Current Limit Peak Current (Notes 5 and 6) ICL A TJ = 25°C 0.7 1.0 1.6 TJ = –40 to +125°C 0.65 – 1.8 Output Leakage Current (Notes 8 and 9), TJ = 25°C IL mA Output = 0 V – 0.6 2.0 Output = – 1.0 V – 10 30 Quiescent Current (Note 8) IQ mA TJ = 25°C – 5.0 9.0 TJ = –40 to +125°C – – 11 Standby Quiescent Current (ON/OFF Pin = 5.0 V (“off”)) Istby µA TJ = 25°C – 60 200 TJ = –40 to +125°C – – 400 ON/OFF Pin Logic Input Level V Vout = 0 V VIH TJ = 25°C 2.2 1.4 – TJ = –40 to +125°C 2.4 – – Nominal Output Voltage VIL TJ = 25°C – 1.2 1.0 TJ = –40 to +125°C – – 0.8 ON/OFF Pin Input Current µA ON/OFF Pin = 5.0 V (“off”), TJ = 25°C IIH – 15 30 ON/OFF Pin = 0 V (“on”), TJ = 25°C IIL – 0 5.0 3. External components such as the catch diode, inductor, input and output capacitors can affect the switching regulator system performance. When the LM2574 is used as shown in the Figure 16 test circuit, the system performance will be as shown in the system parameters section of the Electrical Characteristics. 4. Tested junction temperature range for the LM2574: Tlow = –40°C Thigh = +125°C. 5. The oscillator frequency reduces to approximately 18 kHz in the event of an output short or an overload which causes the regulated output voltage to drop approximately 40% from the nominal output voltage. This self protection feature lowers the average power dissipation of the IC by lowering the minimum duty cycle from 5% down to approximately 2%. 6. Output (Pin 2) sourcing current. No diode, inductor or capacitor connected to the output pin. 7. Feedback (Pin 4) removed from output and connected to 0 V. 8. Feedback (Pin 4) removed from output and connected to 12 V for the Adjustable, 3.3 V, and 5.0 V versions, and 25 V for the 12 V and 15 V versions, to force the output transistor OFF. 9. Vin = 40 V. |
Số phần tương tự - LM2574DW-ADJ |
|
Mô tả tương tự - LM2574DW-ADJ |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |