công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74F1245J bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MC74F1245J
Giải thích chi tiết về linh kiện  OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74F1245J bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MC74F1245J Datasheet HTML 1Page - Motorola, Inc MC74F1245J Datasheet HTML 2Page - Motorola, Inc MC74F1245J Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4-266
FAST AND LS TTL DATA
MC74F1245
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
(Note 1)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
(Note 1)
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage
VIK
Input Clamp Diode Voltage
–0.73
–1.2
V
VCC = MIN, IIN = –18 mA
VOH
Output HIGH Voltage An Outputs
74
2.4
3.3
V
IOH = –3.0 mA
VCC = 4.5 V
VOH
Output HIGH Voltage An Outputs
74
2.7
3.3
V
IOH = –3.0 mA
VCC = 4.75 V
VOH
Output HIGH Voltage Bn Outputs
74
2.4
3.4
V
IOH = –3.0 mA
VCC = 4.5 V
VOH
Output HIGH Voltage Bn Outputs
74
2.7
3.4
V
IOH = –3.0 mA
VCC = 4.75 V
OH
n Outputs
74
2.0
V
IOH = –15 mA
VCC = 4.5 V
VOL
Output LOW Voltage An Outputs
74
0.35
0.5
V
IOL = 24 mA
VCC = MIN
VOL
Output LOW Voltage Bn Outputs
74
0.55
V
IOL = 64 mA
VCC = MIN
IOZH
Output Off Current HIGH
70
µA
VCC = MAX
VOUT = 2.7 V
IOZL
Output Off Current LOW
–70
µA
VCC = MAX, VOUT = 0.5 V
IIH
Input HIGH Current
OE, T/R Inputs
40
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
An, Bn Inputs
70
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
OE, T/R Inputs
100
µA
VCC = 0 V, VIN = 7.0 V
Bn Inputs
1.0
mA
VCC = 0 V, VIN = 5.5 V
IIHH
Input HIGH Current
An Inputs
2.0
mA
VCC = 0 V, VIN = 5.5 V
IIL
Input LOW Current
OE, T/R Inputs
–40
µA
VCC = MAX, VIN = 0.5 V
IIL
Input LOW Current
An, Bn Inputs
–70
µA
VCC = MAX, VIN = 0.5 V
IOS
Output Short Circuit Current
(Note 2)
An Outputs
–60
–150
mA
VCC = MAX, VOUT = GND
IOS
Output Short Circuit Current
(Note 2)
Bn Outputs
–100
–225
mA
VCC = MAX, VOUT = GND
ICC
Power Supply Current
ICCH
120
VCC = MAX
ICC
Power Supply Current
ICCL
120
mA
VCC = MAX
CC
ICCZ
130
CC = MAX
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable device type.
2. Not more than one output should be shorted at a time, nor for more than 1 second.
AC ELECTRICAL CHARACTERISTICS
74F
74F
TA = +25°C
VCC = +5.0 V
CL = 50 pF
TA = 0°C to +70°C
VCC = +5.0 V ±10%
CL = 50 pF
Symbol
Parameter
Min
Max
Min
Max
Unit
tPLH
tPHL
Propagation Delay
Transparent Mode An to Bn or Bn to An
2.0
2.5
6.5
7.5
1.5
2.0
7.0
8.0
ns
tPZH
tPZL
Output Enable Time
3.0
4.0
8.0
10.0
2.5
3.5
9.0
11.0
ns
tPHZ
tPLZ
Output Disable Time
2.0
1.0
8.0
10.0
1.5
1.0
9.0
11.0
ns


Số phần tương tự - MC74F1245J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74F125 MOTOROLA-MC74F125 Datasheet
131Kb / 5P
   3-STATE QUAD BUFFERS
MC74F125D MOTOROLA-MC74F125D Datasheet
131Kb / 5P
   3-STATE QUAD BUFFERS
MC74F125N MOTOROLA-MC74F125N Datasheet
131Kb / 5P
   3-STATE QUAD BUFFERS
MC74F126 MOTOROLA-MC74F126 Datasheet
131Kb / 5P
   3-STATE QUAD BUFFERS
MC74F126D MOTOROLA-MC74F126D Datasheet
131Kb / 5P
   3-STATE QUAD BUFFERS
More results

Mô tả tương tự - MC74F1245J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC54F245 MOTOROLA-MC54F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245_10 Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74AC245 FAIRCHILD-74AC245_05 Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
MC74AC245 ONSEMI-MC74AC245_15 Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
MC74AC245 ONSEMI-MC74AC245 Datasheet
102Kb / 12P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245 Datasheet
101Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
AVG Semiconductors(HITE...
DV74ACT245 AVG-DV74ACT245 Datasheet
327Kb / 5P
   Octal bidirectional Transceiver with 3-State Inputs/Outputs
logo
Fairchild Semiconductor
74LVT245 FAIRCHILD-74LVT245 Datasheet
83Kb / 8P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com