công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74F269J bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MC74F269J
Giải thích chi tiết về linh kiện  8-BIT BIDIRECTIONAL BINARY COUNTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74F269J bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MC74F269J Datasheet HTML 1Page - Motorola, Inc MC74F269J Datasheet HTML 2Page - Motorola, Inc MC74F269J Datasheet HTML 3Page - Motorola, Inc MC74F269J Datasheet HTML 4Page - Motorola, Inc MC74F269J Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4-141
FAST AND LS TTL DATA
MC74F269
AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
74F
74F
Unit
Symbol
Parameter
TA = +25°C
VCC = +5.0 V
CL = 50 pF
TA = 0°C to +70°C
VCC = +5.0 V ±10%
CL = 50 pF
Unit
Symbol
Parameter
Min
Typ
Max
Min
Max
Unit
fMAX
Maximum Clock Frequency
100
85
MHz
tPLH
tPHL
Propagation Delay
CP to Qn (Load) PE = LOW
3.0
4.0
5.5
5.0
9.0
9.0
3.0
4.0
9.5
9.5
ns
tPLH
tPHL
Propagation Delay
CP to Qn (Load) PE = LOW
3.0
4.0
5.5
5.0
9.0
9.0
3.0
4.0
9.5
9.5
ns
tPLH
tPHL
Propagation Delay
CP to Qn (Count) PE = HIGH
3.0
4.5
6.0
7.0
9.0
10
2.5
4.5
10
10.5
ns
tPLH
tPHL
Propagation Delay
CP to Qn (Count) PE = HIGH
3.0
4.5
6.0
7.0
9.0
10
2.5
4.5
10
10.5
ns
tPLH
tPHL
Propagation Delay
CP to TC
4.5
5.0
7.5
7.5
10
10
4.5
5.0
10.5
11
ns
tPLH
tPHL
Propagation Delay
CP to TC
4.5
5.0
7.5
7.5
10
10
4.5
5.0
10.5
11
ns
tPLH
tPHL
Propagation Delay
CET to TC
3.5
3.5
5.0
5.5
9.0
9.0
3.5
3.5
10
10
ns
tPLH
tPHL
Propagation Delay
CET to TC
3.5
3.5
5.0
5.5
9.0
9.0
3.5
3.5
10
10
ns
tPLH
tPHL
Propagation Delay
U/D to TC
4.0
4.5
6.0
5.5
9.0
9.5
4.0
4.5
10
10
ns
tPLH
tPHL
Propagation Delay
U/D to TC
4.0
4.5
6.0
5.5
9.0
9.5
4.0
4.5
10
10
ns
AC SETUP REQUIREMENTS
Symbol
Parameter
74F
74F
Unit
Symbol
Parameter
TA = +25°C
VCC = +5.0 V
CL = 50 pF
TA = 0°C to +70°C
VCC = +5.0 V ±10%
CL = 50 pF
Unit
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
ts(H)
ts(L)
Set-up Time, HIGH or LOW
P to CP
2.0
2.0
2.5
2.5
ns
ts(H)
ts(L)
Set-up Time, HIGH or LOW
P to CP
2.0
2.0
2.5
2.5
ns
th(H)
th(L)
Hold Time, HIGH or LOW
P to CP
1.0
1.0
1.0
1.0
ns
th(H)
th(L)
Hold Time, HIGH or LOW
P to CP
1.0
1.0
1.0
1.0
ns
ts(H)
ts(L)
Set-up Time, HIGH or LOW
PE to CP
5.0
5.5
5.5
6.5
ns
ts(H)
ts(L)
Set-up Time, HIGH or LOW
PE to CP
5.0
5.5
5.5
6.5
ns
th(H)
th(L)
Hold Time, HIGH or LOW
PE to CP
0
0
0
0
ns
th(H)
th(L)
Hold Time, HIGH or LOW
PE to CP
0
0
0
0
ns
ts(H)
ts(L)
Set-up Time, HIGH or LOW
CET, CEP to CP
4.5
4.5
5.5
5.5
ns
ts(H)
ts(L)
Set-up Time, HIGH or LOW
CET, CEP to CP
4.5
4.5
5.5
5.5
ns
th(H)
th(L)
Hold Time, HIGH or LOW
CET, CEP to CP
0
0
0
0
ns
th(H)
th(L)
Hold Time, HIGH or LOW
CET, CEP to CP
0
0
0
0
ns
ts(H)
ts(L)
Set-up Time, HIGH or LOW
U/D to CP
6.0
7.0
7.0
8.0
ns
ts(H)
ts(L)
Set-up Time, HIGH or LOW
U/D to CP
6.0
7.0
7.0
8.0
ns
th(H)
th(L)
Hold Time, HIGH or LOW
U/D to CP
0
0
0
0
ns
th(H)
th(L)
Hold Time, HIGH or LOW
U/D to CP
0
0
0
0
ns
tw(H)
tw(L)
Clock Pulse Width
CP
4.0
4.5
4.0
5.0
ns
tw(H)
tw(L)
Clock Pulse Width
CP
4.0
4.5
4.0
5.0
ns


Số phần tương tự - MC74F269J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74F20 MOTOROLA-MC74F20 Datasheet
44Kb / 2P
   DUAL 4-INPUT NAND GATE
MC74F2245 MOTOROLA-MC74F2245 Datasheet
137Kb / 5P
   25ohm OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS AND OUTPUTS
MC74F245 MOTOROLA-MC74F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
MC74F245DW MOTOROLA-MC74F245DW Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
MC74F245N MOTOROLA-MC74F245N Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
More results

Mô tả tương tự - MC74F269J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269_07 Datasheet
145Kb / 9P
   8-Bit Bidirectional Binary Counter
logo
NXP Semiconductors
74F269 NXP-74F269 Datasheet
177Kb / 19P
   8-bit bidirectional binary counter
Rev. 05-25 March 2010
74F269 PHILIPS-74F269 Datasheet
118Kb / 14P
   8-bit bidirectional binary counter
1996 Jan 05
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269 Datasheet
69Kb / 6P
   8-Bit Bidirectional Binary Counter
74F269 FAIRCHILD-74F269 Datasheet
53Kb / 6P
   8-Bit Bidirectional Binary Counter
logo
NXP Semiconductors
74F1779 PHILIPS-74F1779 Datasheet
110Kb / 12P
   8-bit bidirectional binary counter -State
1989 Apr 06
logo
Motorola, Inc
MC74F579 MOTOROLA-MC74F579 Datasheet
136Kb / 4P
   8-BIT BIDIRECTIONAL BINARY COUNTER (3-STATE)
logo
NXP Semiconductors
74F779 PHILIPS-74F779 Datasheet
100Kb / 12P
   8-bit bidirectional binary counter 3-State
1989 Sep 20
74F579 PHILIPS-74F579 Datasheet
112Kb / 14P
   8-bit bidirectional binary counter 3-State
1992 May 04
logo
National Semiconductor ...
54F579 NSC-54F579 Datasheet
197Kb / 8P
   8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com