công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74F257AJ bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC74F257AJ
Giải thích chi tiết về linh kiện  QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74F257AJ bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC74F257AJ Datasheet HTML 1Page - Motorola, Inc MC74F257AJ Datasheet HTML 2Page - Motorola, Inc MC74F257AJ Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4-128
FAST AND LS TTL DATA
MC74F257A
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
74
4.5
5.0
5.5
V
TA
Operating Ambient Temperature Range
74
0
25
70
°C
IOH
Output Current — High
74
–3.0
mA
IOL
Output Current — Low
74
24
mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage
VIK
Input Clamp Diode Voltage
–1.2
V
IIN = –18 mA
VCC = MIN
VOH
Output HIGH Voltage
74
2.4
3.3
V
IOH = –3.0 mA
VCC = 4.50 V
74
2.7
3.3
V
IOH = –3.0 mA
VCC = 4.75 V
VOL
Output LOW Voltage
0.35
0.5
V
IOL = 24 mA
VCC = MIN
IOZH
Output OFF Current — HIGH
50
µA
VOUT = 2.7 V
VCC = MAX
IOZL
Output OFF Current — LOW
–50
µA
VOUT = 0.5 V
VCC = MAX
IIH
Input HIGH Current
20
µA
VIN = 2.7 V
VCC = MAX
100
VIN = 7.0 V
IIL
Input LOW Current
–0.6
mA
VIN = 0.5 V
VCC = MAX
IOS
Output Short Circuit Current (Note 2)
–60
–150
mA
VOUT = 0 V
VCC = MAX
ICCH
9.0
15
S, I1x = 4.5 V
OE, I0x = GND
ICCL
Power Supply Current
14.5
22
mA
I1x = 4.5 V
VCC = MAX
OE, I0x, S = GND
ICCZ
15
23
S, I0x = GND
OE, I1x = 4.5 V
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under guaranteed operating ranges.
2. Not more than one output should be shorted at a time, nor for more than 1 second.
FUNCTIONAL DESCRIPTION
The F257A is a quad 2-input multiplexer with 3-state out-
puts. It selects four bits of data from two sources under control
of a Common Data Select input. When the Select input is
LOW, the I0x inputs are selected and when Select is HIGH, the
I1x inputs are selected. The data on the selected inputs ap-
pears at the outputs in true (non-inverted) form. The device is
the logic implementation of a 4-pole, 2-position switch where
the position of the switch is determined by the logic levels sup-
plied to the Select input. The logic equations for the outputs are
shown below:
Za = OE • (I1a • S + I0a • S)
Zb = OE • (I1b • S + I0b • S)
Zc = OE • (I1c • S + I0c • S)
Zd = OE
• (I1d • S + I0d • S)
When the Output Enable input (OE) is HIGH, the outputs are
forced to a high impedance OFF state. If the outputs are tied
together, all but one device must be in the high impedance
state to avoid high currents that would exceed the maximum
ratings. Designers should ensure the Output Enable signals to
3-state devices whose outputs are tied together are designed
so there is no overlap.


Số phần tương tự - MC74F257AJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74F258A MOTOROLA-MC74F258A Datasheet
79Kb / 3P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
MC74F258AD MOTOROLA-MC74F258AD Datasheet
79Kb / 3P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
MC74F258AJ MOTOROLA-MC74F258AJ Datasheet
79Kb / 3P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
MC74F258AN MOTOROLA-MC74F258AN Datasheet
79Kb / 3P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - MC74F257AJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CY74FCT257T TI-CY74FCT257T Datasheet
330Kb / 12P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258 Datasheet
90Kb / 8P
   Quad 2-Input Multiplexer with 3-STATE Outputs
74F257ASCX FAIRCHILD-74F257ASCX Datasheet
80Kb / 7P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CY74FCT257T TI1-CY74FCT257T_15 Datasheet
378Kb / 15P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC257 ONSEMI-MC74AC257_15 Datasheet
101Kb / 9P
   Quad 2-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 8
logo
Fairchild Semiconductor
74AC257 FAIRCHILD-74AC257 Datasheet
97Kb / 9P
   Quad 2-Input Multiplexer with 3-STATE Outputs
74F257A FAIRCHILD-74F257A Datasheet
79Kb / 7P
   Quad 2-Input Multiplexer with 3-STATE Outputs
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com