công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74F194D bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC74F194D
Giải thích chi tiết về linh kiện  4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74F194D bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC74F194D Datasheet HTML 1Page - Motorola, Inc MC74F194D Datasheet HTML 2Page - Motorola, Inc MC74F194D Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4-102
FAST AND LS TTL DATA
MC74F194
LOGIC DIAGRAM
S1
S0
DSR
CP
MR
Q0
Q1
Q2
Q3
P0
P1
P2
P3
DSR
S
Q0
CP
R
CLEAR
S
Q1
CP
R
CLEAR
S
Q2
CP
R
CLEAR
S
Q3
CP
R
CLEAR
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate
propagation delays.
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
74
4.5
5.0
5.5
V
TA
Operating Ambient Temperature Range
74
0
25
70
°C
IOH
Output Current — High
74
– 1.0
mA
IOL
Output Current — Low
74
20
mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage
VIK
Input Clamp Diode Voltage
– 1.2
V
IIN = –18 mA
VCC = MIN
VOH
Output HIGH Voltage
74
2.5
3.4
V
IOH = –1.0 mA
VCC = 4.5 V
VOH
Output HIGH Voltage
74
2.7
3.4
V
IOH = –1.0 mA
VCC = 4.75 V
VOL
Output LOW Voltage
0.35
0.5
V
IOL = 20 mA
VCC = MIN
IIH
Input HIGH Current
20
µA
VIN = 2.7 V
VCC = MAX
IIH
Input HIGH Current
100
µA
VIN = 7.0 V
VCC = MAX
IIL
Input LOW Current
– 0.6
mA
VIN = 0.5 V
VCC = MAX
IOS
Output Short Circuit Current (Note 2)
– 60
–150
mA
VOUT = 0 V
VCC = MAX
ICC
Power Supply Current
33
46
mA
Sn, MR, DSR,
DSL = 4.5 V
Pn = Gnd,
CP =
VCC = MAX
NOTES:
1. For conditions such as MIN or MAX, use the appropriate value specified under guaranteed operating ranges.
2. Not more than one output should be shorted at a time, nor for more than 1 second.


Số phần tương tự - MC74F194D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74F195 MOTOROLA-MC74F195 Datasheet
91Kb / 4P
   4-BIT PARALLEL ACCESS SHIFT REGISTER
MC74F195D MOTOROLA-MC74F195D Datasheet
91Kb / 4P
   4-BIT PARALLEL ACCESS SHIFT REGISTER
MC74F195J MOTOROLA-MC74F195J Datasheet
91Kb / 4P
   4-BIT PARALLEL ACCESS SHIFT REGISTER
MC74F195N MOTOROLA-MC74F195N Datasheet
91Kb / 4P
   4-BIT PARALLEL ACCESS SHIFT REGISTER
More results

Mô tả tương tự - MC74F194D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Micro Electronics
MMC40104 MICRO-ELECTRONICS-MMC40104 Datasheet
145Kb / 4P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Texas Instruments
74ACT11194 TI1-74ACT11194 Datasheet
578Kb / 55P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74HC_HCT194_CNV PHILIPS-74HC_HCT194_CNV_15 Datasheet
81Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Texas Instruments
74AC11194 TI-74AC11194 Datasheet
128Kb / 8P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74F194 PHILIPS-74F194 Datasheet
89Kb / 10P
   4-bit bidirectional universal shift register
1989 Apr 04
logo
Motorola, Inc
SN54LS194A MOTOROLA-SN54LS194A Datasheet
215Kb / 6P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
DM74LS194A FAIRCHILD-DM74LS194A Datasheet
68Kb / 6P
   4-Bit Bidirectional Universal Shift Register
logo
Nexperia B.V. All right...
74HC194 NEXPERIA-74HC194 Datasheet
240Kb / 14P
   4-bit bidirectional universal shift register
Rev. 4 - 16 March 2021
logo
Hitachi Semiconductor
HD14194B HITACHI-HD14194B Datasheet
83Kb / 6P
   4-bit Bidirectional Universal Shift Register
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com