công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74ACT823DW bảng dữ liệu(PDF) 5 Page - Motorola, Inc

tên linh kiện MC74ACT823DW
Giải thích chi tiết về linh kiện  9-BIT REGISTER WITH 3-STATE OUTPUTS (Non-Inverting)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74ACT823DW bảng dữ liệu(HTML) 5 Page - Motorola, Inc

  MC74ACT823DW Datasheet HTML 1Page - Motorola, Inc MC74ACT823DW Datasheet HTML 2Page - Motorola, Inc MC74ACT823DW Datasheet HTML 3Page - Motorola, Inc MC74ACT823DW Datasheet HTML 4Page - Motorola, Inc MC74ACT823DW Datasheet HTML 5Page - Motorola, Inc MC74ACT823DW Datasheet HTML 6Page - Motorola, Inc MC74ACT823DW Datasheet HTML 7Page - Motorola, Inc MC74ACT823DW Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74AC823 MC74ACT823
5-5
FACT DATA
AC CHARACTERISTICS
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
fmax
Maximum Clock
Frequency
3.3
MHz
fmax
Frequency
5.0
MHz
tPLH
Propagation Delay
CP to Qn
3.3
ns
tPLH
CP to Qn
5.0
ns
tPHL
Propagation Delay
CP to Qn
3.3
ns
tPHL
CP to Qn
5.0
ns
tPHL
Propagation Delay
CLR to On
3.3
ns
tPHL
CLR to On
5.0
ns
tPZH
Output Enable Time
OE to On
3.3
ns
tPZH
OE to On
5.0
ns
tPZL
Output Enable Time
OE to On
3.3
ns
tPZL
OE to On
5.0
ns
tPHZ
Output Disable Time
OE to On
3.3
ns
tPHZ
OE to On
5.0
ns
tPLZ
Output Disable Time
OE to On
3.3
ns
tPLZ
OE to On
5.0
ns
* Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Typ
Guaranteed Minimum
ts
Set-up Time, HIGH or LOW
3.3
ns
ts
Dn to CP
5.0
ns
th
Hold Time, HIGH or LOW
3.3
ns
th
Dn to CP
5.0
ns
ts
Set-up Time, HIGH or LOW
3.3
ns
ts
EN to CP
5.0
ns
th
Hold Time, HIGH or LOW
3.3
ns
th
EN to CP
5.0
ns
tw
CP Pulse Width
3.3
ns
tw
HIGH or LOW
5.0
ns
tw
CLR Pulse Width, LOW
3.3
ns
tw
5.0
ns
trec
CLR to CP
3.3
ns
trec
Recovery Time
5.0
ns
* Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.


Số phần tương tự - MC74ACT823DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74ACT810 MOTOROLA-MC74ACT810 Datasheet
149Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-NOR GATE
MC74ACT810D MOTOROLA-MC74ACT810D Datasheet
149Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-NOR GATE
MC74ACT810N MOTOROLA-MC74ACT810N Datasheet
149Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-NOR GATE
logo
ON Semiconductor
MC74ACT86 ONSEMI-MC74ACT86 Datasheet
89Kb / 8P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
April, 2005 ??Rev. 7
logo
Motorola, Inc
MC74ACT86 MOTOROLA-MC74ACT86 Datasheet
147Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
More results

Mô tả tương tự - MC74ACT823DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74ABT16652 PHILIPS-74ABT16652 Datasheet
96Kb / 12P
   16-bit transceiver/register, non-inverting 3-State
1998 Feb 27
logo
Texas Instruments
CY74FCT823T TI1-CY74FCT823T_14 Datasheet
886Kb / 15P
[Old version datasheet]   9-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
Fairchild Semiconductor
SCAN18245T FAIRCHILD-SCAN18245T Datasheet
98Kb / 11P
   Non-Inverting Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74AHC8541 TI1-SN74AHC8541 Datasheet
364Kb / 9P
[Old version datasheet]   8-BIT INVERTING/NON-INVERTING SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com