công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74ACT648DW bảng dữ liệu(PDF) 5 Page - Motorola, Inc

tên linh kiện MC74ACT648DW
Giải thích chi tiết về linh kiện  OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74ACT648DW bảng dữ liệu(HTML) 5 Page - Motorola, Inc

  MC74ACT648DW Datasheet HTML 1Page - Motorola, Inc MC74ACT648DW Datasheet HTML 2Page - Motorola, Inc MC74ACT648DW Datasheet HTML 3Page - Motorola, Inc MC74ACT648DW Datasheet HTML 4Page - Motorola, Inc MC74ACT648DW Datasheet HTML 5Page - Motorola, Inc MC74ACT648DW Datasheet HTML 6Page - Motorola, Inc MC74ACT648DW Datasheet HTML 7Page - Motorola, Inc MC74ACT648DW Datasheet HTML 8Page - Motorola, Inc MC74ACT648DW Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC74AC648 MC74ACT648
5-5
FACT DATA
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
1.5
10
15.5
1.5
17
ns
3-6
tPLH
Clock to Bus
5.0
1.5
7.0
11
1.5
12
ns
3-6
tPHL
Propagation Delay
3.3
1.5
8.5
13.5
1.5
14.5
ns
3-6
tPHL
Clock to Bus
5.0
1.5
6.0
10.5
1.5
11.5
ns
3-6
tPLH
Propagation Delay
3.3
1.5
6.0
10
1.5
11
ns
3-5
tPLH
Bus to Bus
5.0
1.5
4.0
7.0
1.0
7.5
ns
3-5
tPHL
Propagation Delay
3.3
1.5
5.5
9.0
1.5
10
ns
3-5
tPHL
Bus to Bus
5.0
1.5
3.5
7.5
1.0
8.0
ns
3-5
tPLH
Propagation Delay
3.3
1.5
7.5
12.5
1.5
14
ns
3-6
tPLH
SBA or SAB to An or Bn
(w/An or Bn HIGH or LOW)
5.0
1.5
5.5
9.0
1.5
10
ns
3-6
tPHL
Propagation Delay
SBA or SAB to An or Bn
(w/An or Bn HIGH or LOW)
3.3
5.0
1.5
1.5
7.5
5.5
12.5
9.5
1.5
1.5
14
10.5
ns
3-6
tPHL
SBA or SAB to An or Bn
(w/An or Bn HIGH or LOW)
5.0
1.5
5.5
9.5
1.5
10.5
ns
3-6
tPZH
Enable Time
G to An or Bn
3.3
1.5
6.5
11
1.0
11.5
ns
3-7
tPZH
G to An or Bn
5.0
1.5
5.0
8.0
1.0
9.0
ns
3-7
tPZL
Enable Time
G to An or Bn
3.3
1.5
7.0
11
1.0
12.5
ns
3-8
tPZL
G to An or Bn
5.0
1.5
5.0
8.0
1.0
9.0
ns
3-8
tPHZ
Disable Time
G to An or Bn
3.3
1.5
7.5
12
1.0
13
ns
3-7
tPHZ
G to An or Bn
5.0
1.5
6.0
10
1.0
11
ns
3-7
tPLZ
Disable Time
G to An or Bn
3.3
1.5
7.0
11.5
1.0
12.5
ns
3-8
tPLZ
G to An or Bn
5.0
1.5
5.5
9.0
1.0
10
ns
3-8
tPZH
Enable Time
DIR to An or Bn
3.3
1.5
6.0
12.5
1.0
14
ns
3-7
tPZH
DIR to An or Bn
5.0
1.5
4.5
9.5
1.0
10.5
ns
3-7
tPZL
Enable Time
DIR to An or Bn
3.3
1.5
6.5
13
1.5
14.5
ns
3-8
tPZL
DIR to An or Bn
5.0
1.5
4.5
9.0
1.0
10.5
ns
3-8
tPHZ
Disable Time
DIR to An or Bn
3.3
1.5
7.0
11.5
1.0
13.5
ns
3-7
tPHZ
DIR to An or Bn
5.0
1.5
5.5
9.0
1.0
10
ns
3-7
tPLZ
Disable Time
DIR to An or Bn
3.3
1.5
7.0
13.5
1.5
15
ns
3-8
tPLZ
DIR to An or Bn
5.0
1.5
50
9.5
1.0
10
ns
3-8
* Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.


Số phần tương tự - MC74ACT648DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74ACT640 MOTOROLA-MC74ACT640 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74ACT640 ONSEMI-MC74ACT640 Datasheet
89Kb / 6P
   Octal 3?뭆tate Inverting Transciever
December, 2006 ??Rev. 3
MC74ACT640 ONSEMI-MC74ACT640 Datasheet
77Kb / 6P
   Octal 3-State Inverting Transciever
March, 2015 ??Rev. 4
logo
Motorola, Inc
MC74ACT640DW MOTOROLA-MC74ACT640DW Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74ACT640DW ONSEMI-MC74ACT640DW Datasheet
89Kb / 6P
   Octal 3?뭆tate Inverting Transciever
December, 2006 ??Rev. 3
More results

Mô tả tương tự - MC74ACT648DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74ABT651 PHILIPS-74ABT651 Datasheet
88Kb / 7P
   Octal transceiver/register, inverting 3-State
1995 Sep 06
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com