công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74ACT652 bảng dữ liệu(PDF) 7 Page - Motorola, Inc

tên linh kiện MC74ACT652
Giải thích chi tiết về linh kiện  OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74ACT652 bảng dữ liệu(HTML) 7 Page - Motorola, Inc

  MC74ACT652 Datasheet HTML 1Page - Motorola, Inc MC74ACT652 Datasheet HTML 2Page - Motorola, Inc MC74ACT652 Datasheet HTML 3Page - Motorola, Inc MC74ACT652 Datasheet HTML 4Page - Motorola, Inc MC74ACT652 Datasheet HTML 5Page - Motorola, Inc MC74ACT652 Datasheet HTML 6Page - Motorola, Inc MC74ACT652 Datasheet HTML 7Page - Motorola, Inc MC74ACT652 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC74AC652 MC74ACT652
5-7
FACT DATA
AC CHARACTERISTICS
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Min
Max
Min
Max
tPLH
Propagation Delay
CPBA or CPAB to An or Bn
5.0
4.0
14.5
3.5
16.5
ns
tPLH
CPBA or CPAB to An or Bn
5.0
4.0
14.5
3.5
16.5
ns
tPHL
Propagation Delay
CPBA or CPAB to An or Bn
5.0
3.5
14.5
3.0
16.5
ns
tPHL
CPBA or CPAB to An or Bn
5.0
3.5
14.5
3.0
16.5
ns
tPLH
Propagation Delay
A or B to Bn or An
5.0
2.5
11.5
2.0
13.0
ns
tPLH
A or B to Bn or An
5.0
2.5
11.5
2.0
13.0
ns
tPHL
Propagation Delay
A or B to Bn or An
5.0
2.5
11.5
2.0
13.0
ns
tPHL
A or B to Bn or An
5.0
2.5
11.5
2.0
13.0
ns
tPLH
Propagation Delay
SBA or SAB to An or Bn
5.0
2.5
12.0
2.0
13.5
ns
tPLH
SBA or SAB to An or Bn
5.0
2.5
12.0
2.0
13.5
ns
tPHL
Propagation Delay
SBA or SAB to An or Bn
5.0
3.0
12.0
2.5
13.5
ns
tPHL
SBA or SAB to An or Bn
5.0
3.0
12.0
2.5
13.5
ns
tPZH
Output Enable Time
OEBA to An
5.0
2.0
11.5
1.5
13.0
ns
tPZH
OEBA to An
5.0
2.0
11.5
1.5
13.0
ns
tPZL
Output Enable Time
OEBA to An
5.0
2.5
11.5
2.0
13.0
ns
tPZL
OEBA to An
5.0
2.5
11.5
2.0
13.0
ns
tPHZ
Output Disable Time
OEBA to An
5.0
3.0
13.0
2.5
14.0
ns
tPHZ
OEBA to An
5.0
3.0
13.0
2.5
14.0
ns
tPLZ
Output Disable Time
OEBA to An
5.0
2.5
12.5
2.0
14.0
ns
tPLZ
OEBA to An
5.0
2.5
12.5
2.0
14.0
ns
tPZH
Output Enable time
OEAB to Bn
5.0
2.5
12.0
2.0
13.5
ns
tPZH
OEAB to Bn
5.0
2.5
12.0
2.0
13.5
ns
tPZL
Output Enable Time
OEAB to Bn
5.0
2.5
12.0
2.0
13.5
ns
tPZL
OEAB to Bn
5.0
2.5
12.0
2.0
13.5
ns
tPHZ
Output Enable Time
OEAB to Bn
5.0
3.5
13.5
3.0
14.5
ns
tPHZ
OEAB to Bn
5.0
3.5
13.5
3.0
14.5
ns
tPLZ
Output Enable Time
OEAB to Bn
5.0
3.0
13.5
2.5
15.0
ns
tPLZ
OEAB to Bn
5.0
3.0
13.5
2.5
15.0
ns
ts
Setup Time, HIGH or LOW
An or Bn to CPBA or CPAB
5.0
7.0
8.0
ns
ts
An or Bn to CPBA or CPAB
5.0
7.0
8.0
ns
th
Hold Time, HIGH or LOW
An or Bn to CPBA or CPAB
5.0
2.5
2.5
ns
th
An or Bn to CPBA or CPAB
5.0
2.5
2.5
ns
tw
CPAB, CPBA Pulse Width
HIGH or LOW
5.0
6.0
7.0
ns
tw
HIGH or LOW
5.0
6.0
7.0
ns
* Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
74ACT
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CI/O
Input/Output Capacitance
15
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
60.0
pF
VCC = 5.0 V


Số phần tương tự - MC74ACT652

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74ACT652 ONSEMI-MC74ACT652 Datasheet
158Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?묲nverting)
March, 2006 ??Rev. 6
MC74ACT652DW ONSEMI-MC74ACT652DW Datasheet
158Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?묲nverting)
March, 2006 ??Rev. 6
MC74ACT652DWG ONSEMI-MC74ACT652DWG Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74ACT652DWR2 ONSEMI-MC74ACT652DWR2 Datasheet
158Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?묲nverting)
March, 2006 ??Rev. 6
MC74ACT652DWR2G ONSEMI-MC74ACT652DWR2G Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
More results

Mô tả tương tự - MC74ACT652

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
NXP Semiconductors
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
logo
NXP Semiconductors
74LVT652 PHILIPS-74LVT652 Datasheet
110Kb / 14P
   3.3V Octal transceiver/register, non-inverting 3-State
1998 Feb 19
logo
STMicroelectronics
M74HC623 STMICROELECTRONICS-M74HC623 Datasheet
316Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTING)
logo
NXP Semiconductors
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com