công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74ACT640 bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MC74ACT640
Giải thích chi tiết về linh kiện  OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74ACT640 bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MC74ACT640 Datasheet HTML 1Page - Motorola, Inc MC74ACT640 Datasheet HTML 2Page - Motorola, Inc MC74ACT640 Datasheet HTML 3Page - Motorola, Inc MC74ACT640 Datasheet HTML 4Page - Motorola, Inc MC74ACT640 Datasheet HTML 5Page - Motorola, Inc MC74ACT640 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74AC640 MC74ACT640
5-4
FACT DATA
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
1.5
5.0
8.5
1.0
9.5
ns
3-5
tPLH
An to Bn or Bn to An
5.0
1.5
3.5
6.5
1.0
7.5
ns
3-5
tPHL
Propagation Delay
3.3
1.5
5.0
8.5
1.0
9.5
ns
3-5
tPHL
An to Bn or Bn to An
5.0
1.5
3.5
6.5
1.0
7.5
ns
3-5
tPZH
Output Enable Time
3.3
2.5
8.0
11.5
2.0
12.5
ns
3-7
tPZH
Output Enable Time
5.0
1.5
6.0
8.0
1.0
9.0
ns
3-7
tPZL
Output Enable Time
3.3
2.5
8.5
12.5
2.0
13.5
ns
3-8
tPZL
Output Enable Time
5.0
1.5
6.5
9.5
1.0
10.0
ns
3-8
tPHZ
Output Disable Time
3.3
2.0
8.0
12.0
1.0
12.5
ns
3-7
tPHZ
Output Disable Time
5.0
1.5
6.0
9.0
1.0
10.0
ns
3-7
tPLZ
Output Disable Time
3.3
2.0
8.5
12.0
1.5
13.5
ns
3-8
tPLZ
Output Disable Time
5.0
1.5
6.5
9.5
1.0
10.5
ns
3-8
* Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74ACT
74ACT
Unit
Conditions
Symbol
Parameter
VCC
(V)
TA = +25°C
TA =
–40
°C to +85°C
Unit
Conditions
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
4.5
1.5
2.0
2.0
V
VOUT = 0.1 V
Input Voltage
5.5
1.5
2.0
2.0
V
or VCC – 0.1 V
VIL
Maximum Low Level
Input Voltage
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
Input Voltage
5.5
1.5
0.8
0.8
V
or VCC – 0.1 V
VOH
Minimum High Level
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = –50 µA
Output Voltage
5.5
5.49
5.4
5.4
V
*VIN = VIL or VIH
4.5
3.86
3.76
V
IOH
–24 mA
5.5
4.86
4.76
IOH
–24 mA
VOL
Maximum Low Level
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
4.5
0.36
0.44
V
IOL
24 mA
5.5
0.36
0.44
IOL
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
µA
VI = VCC, GND
Leakage Current
5.5
±0.1
±1.0
µA
VI = VCC, GND
∆ICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC – 2.1 V
IOZT
Maximum
3-State
Current
VI (OE) = VIL, VIH
3-State
Current
5.5
±0.6
±6.0
µA
VI = VCC, GND
Current
VO = VCC, GND
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
Output Current
5.5
–75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80
µA
VIN = VCC or GND
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80
µA
VIN = VCC or GND
* All outputs loaded; thresholds on input associated with output under test.
† Maximum test duration 2.0 ms, one output loaded at a time.


Số phần tương tự - MC74ACT640

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74ACT640 ONSEMI-MC74ACT640 Datasheet
89Kb / 6P
   Octal 3?뭆tate Inverting Transciever
December, 2006 ??Rev. 3
MC74ACT640 ONSEMI-MC74ACT640 Datasheet
77Kb / 6P
   Octal 3-State Inverting Transciever
March, 2015 ??Rev. 4
MC74ACT640DW ONSEMI-MC74ACT640DW Datasheet
89Kb / 6P
   Octal 3?뭆tate Inverting Transciever
December, 2006 ??Rev. 3
MC74ACT640DWG ONSEMI-MC74ACT640DWG Datasheet
89Kb / 6P
   Octal 3?뭆tate Inverting Transciever
December, 2006 ??Rev. 3
MC74ACT640DWG ONSEMI-MC74ACT640DWG Datasheet
77Kb / 6P
   Octal 3-State Inverting Transciever
March, 2015 ??Rev. 4
More results

Mô tả tương tự - MC74ACT640

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
74VHC245 ONSEMI-74VHC245 Datasheet
205Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74F545 FAIRCHILD-74F545 Datasheet
52Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74FR245 FAIRCHILD-74FR245 Datasheet
57Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC643 MOTOROLA-MC74AC643 Datasheet
188Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC620 MOTOROLA-MC74AC620 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR2245 FAIRCHILD-74FR2245 Datasheet
41Kb / 5P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC623 MOTOROLA-MC74AC623 Datasheet
186Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHC245 FAIRCHILD-74VHC245 Datasheet
98Kb / 7P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74F245 FAIRCHILD-74F245 Datasheet
108Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com