công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74ACT563N bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC74ACT563N
Giải thích chi tiết về linh kiện  OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74ACT563N bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC74ACT563N Datasheet HTML 1Page - Motorola, Inc MC74ACT563N Datasheet HTML 2Page - Motorola, Inc MC74ACT563N Datasheet HTML 3Page - Motorola, Inc MC74ACT563N Datasheet HTML 4Page - Motorola, Inc MC74ACT563N Datasheet HTML 5Page - Motorola, Inc MC74ACT563N Datasheet HTML 6Page - Motorola, Inc MC74ACT563N Datasheet HTML 7Page - Motorola, Inc MC74ACT563N Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC74AC563 MC74ACT563
5-2
FACT DATA
FUNCTIONAL DESCRIPTION
The
MC74AC563/74ACT563
contains
eight
D-type
latches with 3-state complementary outputs. When the Latch
Enable (LE) input is HIGH, data on the Dn inputs enters the
latches. In this condition the latches are transparent, i.e., a
latch output will change state each time its D input changes.
When LE is LOW the latches store the information that was
present on the D inputs a setup time preceding the
HIGH-to-LOW transition of LE. The 3-state buffers are
controlled by the Output Enable (OE) input. When OE is LOW,
the buffers are in the bi-state mode. When OE is HIGH the
buffers are in the high impedance mode but that does not
interfere with entering new data into the latches.
FUNCTION TABLE
Inputs
Internal
Outputs
Function
OE
LE
D
Q
O
Function
H
X
X
X
Z
High Z
H
H
L
H
Z
High Z
H
H
H
L
Z
High Z
H
L
X
NC
Z
Latched
L
H
L
H
H
Transparent
L
H
H
L
L
Transparent
L
L
X
NC
NC
Latched
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
NC = No Change
D
C
Q
D1
D2
D3
D4
D5
D6
D7
LE
OE
O1
O2
O3
O4
O5
O6
O7
O8
D0
Please note that this diagram is provided only for the understanding of logic
operations and should not be used to estimate propagation delays.
LOGIC DIAGRAM
D
C
Q
D
C
Q
D
C
Q
D
C
Q
D
C
Q
D
C
Q
D
C
Q


Số phần tương tự - MC74ACT563N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74ACT564 MOTOROLA-MC74ACT564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74ACT564 ONSEMI-MC74ACT564 Datasheet
81Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 3
MC74ACT564 ONSEMI-MC74ACT564 Datasheet
189Kb / 9P
   Octal D-Type Latch with 3-State Outputs
June, 2006 ??Rev. 5
logo
Motorola, Inc
MC74ACT564DW MOTOROLA-MC74ACT564DW Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74ACT564DWR2 ONSEMI-MC74ACT564DWR2 Datasheet
81Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 3
More results

Mô tả tương tự - MC74ACT563N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com