công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74ACT574 bảng dữ liệu(PDF) 5 Page - Motorola, Inc

tên linh kiện MC74ACT574
Giải thích chi tiết về linh kiện  OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74ACT574 bảng dữ liệu(HTML) 5 Page - Motorola, Inc

  MC74ACT574 Datasheet HTML 1Page - Motorola, Inc MC74ACT574 Datasheet HTML 2Page - Motorola, Inc MC74ACT574 Datasheet HTML 3Page - Motorola, Inc MC74ACT574 Datasheet HTML 4Page - Motorola, Inc MC74ACT574 Datasheet HTML 5Page - Motorola, Inc MC74ACT574 Datasheet HTML 6Page - Motorola, Inc MC74ACT574 Datasheet HTML 7Page - Motorola, Inc MC74ACT574 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74AC57 MC74ACT574
5-5
FACT DATA
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
fmax
Maximum Clock
3.3
75
60
MHz
3-3
fmax
Frequency
5.0
95
85
MHz
3-3
tPLH
Propagation Delay
3.3
3.5
13.5
3.5
15
ns
3-6
tPLH
CP to On
5.0
2.0
9.5
2.0
11
ns
3-6
tPHL
Propagation Delay
3.3
3.5
12
3.5
13.5
ns
3-6
tPHL
CP to On
5.0
2.0
8.5
2.0
9.5
ns
3-6
tPZH
Output Enable Time
3.3
2.5
11
2.5
12
ns
3-7
tPZH
Output Enable Time
5.0
2.0
8.5
2.0
9.0
ns
3-7
tPZL
Output Enable Time
3.3
3.0
10.5
3.5
11.5
ns
3-8
tPZL
Output Enable Time
5.0
1.5
8.0
2.0
9.0
ns
3-8
tPHZ
Output Disable Time
3.3
4.0
12
4.5
13
ns
3-7
tPHZ
Output Disable Time
5.0
2.0
9.5
2.0
10.5
ns
3-7
tPLZ
Output Disable Time
3.3
2.0
9.0
2.5
10
ns
3-8
tPLZ
Output Disable Time
5.0
1.5
7.5
1.5
8.5
ns
3-8
* Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Typ
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
3.3
2.5
3.0
ns
3-9
ts
Dn to CP
5.0
1.5
2.0
ns
3-9
th
Hold Time, HIGH or LOW
3.3
1.5
1.5
ns
3-9
th
Dn to CP
5.0
1.5
1.5
ns
3-9
tw
CP Pulse Width
3.3
6.0
7.0
ns
3-6
tw
HIGH or LOW
5.0
4.0
5.0
ns
3-6
* Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.


Số phần tương tự - MC74ACT574

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74ACT574 ONSEMI-MC74ACT574 Datasheet
107Kb / 12P
   Octal D Flip-Flop with 3-State Outputs
May, 2001 ??Rev. 6
MC74ACT574 ONSEMI-MC74ACT574 Datasheet
115Kb / 10P
   Octal D Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 8
MC74ACT574DT ONSEMI-MC74ACT574DT Datasheet
107Kb / 12P
   Octal D Flip-Flop with 3-State Outputs
May, 2001 ??Rev. 6
MC74ACT574DTR2 ONSEMI-MC74ACT574DTR2 Datasheet
107Kb / 12P
   Octal D Flip-Flop with 3-State Outputs
May, 2001 ??Rev. 6
MC74ACT574DTR2 ONSEMI-MC74ACT574DTR2 Datasheet
115Kb / 10P
   Octal D Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 8
More results

Mô tả tương tự - MC74ACT574

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com