công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145408 bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MC145408
Giải thích chi tiết về linh kiện  DRIVER / RECEIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145408 bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MC145408 Datasheet HTML 1Page - Motorola, Inc MC145408 Datasheet HTML 2Page - Motorola, Inc MC145408 Datasheet HTML 3Page - Motorola, Inc MC145408 Datasheet HTML 4Page - Motorola, Inc MC145408 Datasheet HTML 5Page - Motorola, Inc MC145408 Datasheet HTML 6Page - Motorola, Inc MC145408 Datasheet HTML 7Page - Motorola, Inc MC145408 Datasheet HTML 8Page - Motorola, Inc MC145408 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC145403
•MC145404•MC145405•MC145408
MOTOROLA
3
ABSOLUTE MAXIMUM RATINGS
(Voltages referenced to GND, except where noted)
Rating
Symbol
Value
Unit
DC Supply Voltage (VDD ≥ VCC)
VDD
VSS
VCC
– 0.5 to + 13.5
+ 0.5 to – 13.5
– 0.5 to + 6.0
V
Input Voltage Range
Rx1 – Rx
n
DI1 – DI
n
VIR
VSS – 15 to VDD + 15
0.5 to VCC + 15
V
DC Current Drain per Pin
I
± 00
mA
Power Dissipation
PD
1
W
Operating Temperature Range
TA
– 40 to + 85
°C
Storage Temperature Range
Tstg
– 85 to + 150
°C
DC ELECTRICAL CHARACTERISTICS (All polarities referenced to GND = 0 V, TA = – 40 to + 85°C)
Parameter
Symbol
Min
Typ
Max
Unit
DC Supply Voltage
VDD
VSS
VCC
4.5
– 4.5
4.5
5 to 12
– 5 to – 12
5
13.2
– 13.2
5.5
V
Quiescent Supply Current (Outputs Unloaded, Inputs Low)
VDD = + 12 V
VSS = – 12 V
VCC = + 5 V
IDD
ISS
ICC
425
– 400
110
635
– 600
200
µA
RECEIVER ELECTRICAL SPECIFICATIONS
(Voltage polarities referenced to GND = 0 V, VDD = + 12 V, VSS = – 12 V, TA = – 40 to + 85°C, VCC = + 5 V, ± 10%)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Turn–On Threshold
Rx1 – Rx
n
VDO = VOL
Von
1.35
1.8
2.35
V
Input Turn–Off Threshold
Rx1 – Rx
n
VDO = VOH
Voff
0.75
1
1.25
V
Input Threshold Hysteresis
∆ = Von – Voff
Vhys
0.6
0.8
V
Input Resistance
(VSS – 15 V) ≤ V Rx1 – Rxn ≤ (VDD + 15 V)
Rin
3
5.4
7
k
High Level Output Voltage
Iout = – 20 µA
VRx = – 3 to – 25 V* (DO1 – DOn)Iout = – 1.0 mA
VOH
4.9
3.8
4.9
4.3
V
Low Level Output Voltage
Iout = + 2 mA
VRx = + 3 to + 25 V* (DO1 – DOn)Iout = + 4 mA
VOL
0.02
0.5
0.5
0.7
V
* This is the range of input voltages as specified by EIA–232–E to cause a receiver to be in the high or low.
This device contains circuitry to protect the
inputs and outputs against damage due to high
static voltages or electric fields; however, it is
advised that normal precautions be taken to
avoid applications of any voltage higher than
maximum rated voltages to this high imped-
ance circuit.
For proper operation it is recommended that
Vout and Vin be constrained to the ranges
described as follows:
Digital I/O: Driver Inputs (DI):
(GND
≤ VDI ≤ VCC).
Receiver Outputs (DO):
(GND
≤ VDO ≤ VCC).
EIA–232 I/O: Driver Outputs (Tx):
(VSS ≤ VTx1 – Txn ≤ VDD).
Receiver Inputs (Rx):
VSS – 15 V ≤ VRx1 – Rxn ≤ VDD
+ 15 V).
Reliability of operation is enhanced if unused
outputs are tied off to an appropriate logic
voltage level (e.g., either GND or VCC for DI,
and GND for Rx).


Số phần tương tự - MC145408

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC145408-6P LANSDALE-MC145408-6P Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
MC145408DW LANSDALE-MC145408DW Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
MC145408LP LANSDALE-MC145408LP Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
MC145408P LANSDALE-MC145408P Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
More results

Mô tả tương tự - MC145408

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM202 AD-ADM202_15 Datasheet
127Kb / 6P
   CMOS RS-232 Driver/Receivers
REV. A
ADM203 AD-ADM203_15 Datasheet
127Kb / 6P
   CMOS RS-232 Driver/Receivers
REV. A
logo
Texas Instruments
SN65LVDS1_091 TI-SN65LVDS1_091 Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN65LVDS1 TI-SN65LVDS1 Datasheet
282Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTAIL LINE DRIVER/RECEIVERS
SN65LVDS1 TI-SN65LVDS1_09 Datasheet
473Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
logo
Holt Integrated Circuit...
HI-8599 HOLTIC-HI-8599_12 Datasheet
130Kb / 16P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8581 HOLTIC-HI-8581_13 Datasheet
128Kb / 15P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
logo
Silicon image
SII1000 SILICONIMAGE-SII1000 Datasheet
106Kb / 2P
   PanelLink Receivers
logo
Unisonic Technologies
UT3243A UTC-UT3243A Datasheet
278Kb / 10P
   DRIVERS/RECEIVERS
UT3223 UTC-UT3223_17 Datasheet
249Kb / 9P
   DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com