công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14562B bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC14562B
Giải thích chi tiết về linh kiện  128-BIT STATIC SHIFT REGISTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14562B bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC14562B Datasheet HTML 1Page - Motorola, Inc MC14562B Datasheet HTML 2Page - Motorola, Inc MC14562B Datasheet HTML 3Page - Motorola, Inc MC14562B Datasheet HTML 4Page - Motorola, Inc MC14562B Datasheet HTML 5Page - Motorola, Inc MC14562B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
1
MC14562B
128-Bit Static Shift Register
The MC14562B is a 128–bit static shift register constructed with MOS
P–channel and N–channel enhancement mode devices in a single
monolithic structure. Data is clocked in and out of the shift register on the
positive edge of the clock input. Data outputs are available every 16 bits,
from 16 through bit 128. This complementary MOS shift register is primarily
used where low power dissipation and/or high noise immunity is desired.
• Diode Protection on All Inputs
• Fully Static Operation
• Cascadable to Provide Longer Shift Register Lengths
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Capable of Driving Two Low–power TTL Loads or One Low–power
Schottky TTL Load Over the Rated Temperature Range
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 18.0
V
Vin, Vout Input or Output Voltage (DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
PD
Power Dissipation, per Package†
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature (8–Second Soldering)
260
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
†Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
Ceramic “L” Packages: – 12 mW/
_C From 100_C To 125_C
LOGIC DIAGRAM
D
C
Q
1
D
C
Q
2
D
C
Q
3
D
C
Q
16
D
C
Q
17
D
C
Q
32
D
C
Q
33
D
C
Q
48
D
C
Q
49
D
C
Q
64
CLOCK 5
DATA IN 12
D
C
Q
65
D
C
Q
80
D
C
Q
81
D
C
Q
96
D
C
Q
97
D
C
Q
112
D
C
Q
113
D
C
Q
128
10 Q16
13 Q32
9 Q48
1 Q64
8 Q80
2 Q96
6 Q112
3 Q128
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14562B
BLOCK DIAGRAM
L SUFFIX
CERAMIC
CASE 632
ORDERING INFORMATION
MC14XXXBCP
Plastic
MC14XXXBCL
Ceramic
MC14XXXBD
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 646
D SUFFIX
SOIC
CASE 751A
10
13
9
1
8
2
6
3
Q128
Q112
Q96
Q80
Q64
Q48
Q32
Q16
12
5
DATA
CLOCK
VDD = PIN 14
VSS = PIN 7
Pins 4 and 11
not used.


Số phần tương tự - MC14562B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14562B ONSEMI-MC14562B Datasheet
117Kb / 8P
   128-Bit Static Shift Register
March, 2000 ??Rev. 3
MC14562BCP ONSEMI-MC14562BCP Datasheet
117Kb / 8P
   128-Bit Static Shift Register
March, 2000 ??Rev. 3
More results

Mô tả tương tự - MC14562B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14562B ONSEMI-MC14562B Datasheet
117Kb / 8P
   128-Bit Static Shift Register
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14562B HITACHI-HD14562B Datasheet
69Kb / 5P
   128-bit Static Shift Register
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B Datasheet
100Kb / 8P
   8-Bit Static Shift Register
February, 2005 ??Rev. 5
logo
NXP Semiconductors
HEF4014B PHILIPS-HEF4014B Datasheet
89Kb / 6P
   8-bit static shift register
January 1995
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B_14 Datasheet
107Kb / 7P
   8-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
Hitachi Semiconductor
HD14006B HITACHI-HD14006B Datasheet
77Kb / 5P
   18-bit Static Shift Register
HD14021B HITACHI-HD14021B Datasheet
72Kb / 5P
   8-bit Static Shift Register
logo
NXP Semiconductors
HEF4021B NXP-HEF4021B Datasheet
89Kb / 14P
   8-bit static shift register
Rev. 04-10 November 2008
logo
Nexperia B.V. All right...
HEF4014B-Q100 NEXPERIA-HEF4014B-Q100 Datasheet
206Kb / 12P
   8-bit static shift register
HEF4021B NEXPERIA-HEF4021B Datasheet
242Kb / 14P
   8-bit static shift register
Rev. 11 - 1 December 2021
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com