công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145443BDW bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC145443BDW
Giải thích chi tiết về linh kiện  SINGLE-CHIP 300-BAUD MODEM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145443BDW bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC145443BDW Datasheet HTML 1Page - Motorola, Inc MC145443BDW Datasheet HTML 2Page - Motorola, Inc MC145443BDW Datasheet HTML 3Page - Motorola, Inc MC145443BDW Datasheet HTML 4Page - Motorola, Inc MC145443BDW Datasheet HTML 5Page - Motorola, Inc MC145443BDW Datasheet HTML 6Page - Motorola, Inc MC145443BDW Datasheet HTML 7Page - Motorola, Inc MC145443BDW Datasheet HTML 8Page - Motorola, Inc MC145443BDW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC145442B
•MC145443B
MOTOROLA
2
BLOCK DIAGRAM
* Refer to the FB pin description.
15
16
RxA2
RxA1
LB
MODE
SQT
TxD
TLA
Xout
Xin
9
8
20
11
14
13
2
MODE
CONTROL
MODULATOR
OSCILLATOR
CLOCK
DIVIDER
SAMPLING CLOCK: 77.82 kHz
SAMPLING CLOCK: 19.46 kHz
INTERNAL
VAG
ANALOG
GROUND
GENERATOR
12
6
19
VAG
AAF
S/H
LOW–BAND
BPF
HIGH–BAND
BPF
AC AMP
*
SMOOTHING
FILTER
18
17
ExI
TxA
1
10
DSI
FB
DEMOD
5
RxD
3
CARRIER
DETECT
CD
CDA
CDT
7
4
VDD
VSS
+
+
ABSOLUTE MAXIMUM RATINGS (Voltages Referenced to VSS)
Rating
Symbol
Value
Unit
Supply Voltage
VDD
–0.5 to 7.0
V
DC Input Voltage
Vin
–0.5 to VDD + 0.5
V
DC Output Voltage
Vout
–0.5 to VDD + 0.5
V
Clamp Diode Current, per Pin
IIK, IOK
±20
mA
DC Output Current, per Pin
Iout
±28
mA
Power Dissipation
PD
500
mW
Operating Temperature Range
TA
–40 to 85
°C
Storage Temperature Range
Tstg
–65 to 150
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VDD
4.5
5.5
V
DC Input or Output Voltage
Vin, Vout
0
VDD
V
Input Rise or Fall Time
tr, tf
500
ns
Crystal Frequency*
fcrystal
3.2
5.0
MHz
* Changing the crystal frequency from 3.579 MHz will change the output frequencies. The
change in output frequency will be proportional to the change in crystal frequency.
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised that
normal precautions be taken to avoid application
of any voltage higher than maximum rated
voltages to this high impedance circuit. For
proper operation it is recommended that Vin and
Vout be constrained to the range VSS ≤ (Vin or
Vout) ≤ VDD).
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., either VSS
or VDD).


Số phần tương tự - MC145443BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC145443BDW LANSDALE-MC145443BDW Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
MC145443BDW LANSDALE-MC145443BDW Datasheet
395Kb / 11P
   Single?밅hip 300?밄aud Modem
More results

Mô tả tương tự - MC145443BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
logo
Motorola, Inc
MC145442 MOTOROLA-MC145442 Datasheet
227Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
   300 Baud Modem
logo
Motorola, Inc
MC145446A MOTOROLA-MC145446A Datasheet
267Kb / 14P
   SINGLE-CHIP 300-BAUD MODEM WITH DTMF TRANSCEIVER
logo
National Semiconductor ...
74VHC943 NSC-74VHC943 Datasheet
179Kb / 12P
   300 Baud Modem (5V Supply)
logo
CML Microcircuits
FX409 CMLMICRO-FX409 Datasheet
289Kb / 6P
   1200 BAUD FFSK MODEM
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
   1200 Baud FSK Modem
logo
CML Microcircuits
FX419 CMLMICRO-FX419 Datasheet
367Kb / 7P
   1200 BAUD FFSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com