công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145443BDW bảng dữ liệu(PDF) 6 Page - Motorola, Inc

tên linh kiện MC145443BDW
Giải thích chi tiết về linh kiện  SINGLE-CHIP 300-BAUD MODEM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145443BDW bảng dữ liệu(HTML) 6 Page - Motorola, Inc

Back Button MC145443BDW Datasheet HTML 2Page - Motorola, Inc MC145443BDW Datasheet HTML 3Page - Motorola, Inc MC145443BDW Datasheet HTML 4Page - Motorola, Inc MC145443BDW Datasheet HTML 5Page - Motorola, Inc MC145443BDW Datasheet HTML 6Page - Motorola, Inc MC145443BDW Datasheet HTML 7Page - Motorola, Inc MC145443BDW Datasheet HTML 8Page - Motorola, Inc MC145443BDW Datasheet HTML 9Page - Motorola, Inc MC145443BDW Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC145442B
•MC145443B
MOTOROLA
6
GENERAL DESCRIPTION
The MC145442B and MC145443B are full–duplex low–
speed modems. They provide a 300–baud FSK signal for bi-
directional data transmission over the telephone network.
They can be operated in one of four basic configurations as
determined by the state of MODE (pin 13) and LB (pin 2).
The normal (non–loopback) and self test (loopback) modes
in both answer and originate modes will be discussed.
For an originate or channel 1 mode, a logic high level is
placed on MODE (pin 13) and a logic low level is placed on
LB (pin 2). In this mode, transmit data is input on TxD, where
it is converted to a FSK signal and routed through a low–
band band–pass filter. The filtered output signal is then buff-
ered by the Tx op–amp line driver, which is capable of driving
–9 dBm onto a 600
Ω line. The receive signal is connected
through a hybrid duplexer circuit on pins 15 and 16, RxA2
and RxA1. The signal then passes through the anti–aliasing
filter, the sample–and–hold circuit, is switched into the high–
band band–pass filter, and then switched into the ac amplifier
circuit. The output of the ac amplifier circuit is routed to the
demodulator circuit and demodulated. The resulting digital
data is then output through RxD (pin 5). The carrier detect
circuit receives its signal from the output of the ac amplifier
circuit and goes low when the incoming signal is detected
(see Figure 4a).
In the answer or channel 2 mode, a logic low level is
placed on MODE (pin 13) and on LB (pin 2). In this mode, the
data follows the same path except the FSK signal is routed to
the high–band band–pass filter and the sample–and–hold
signal is routed through the low–band band–pass filter (see
Figure 4b).
In the analog loopback originate or channel 1 mode, a logic
high level is placed on MODE (pin 13) and on LB (pin 2). This
mode is used for a self check of the modulator, demodulator,
and low–band pass–band filter circuit. The modulator side is
configured exactly like the originate mode above except the
line driver output (TxA, pin 17) is switched to the negative in-
put of the hybrid op–amp. The RxA2 input pin is open in this
mode and the non–inverting input of the hybrid circuit is con-
nected to VAG. The sample–and–hold output bypasses the
filter so that the demodulator receives the modulated Tx data
(see Figure 4c). This test checks all internal device compo-
nents except the high–band band–pass filter, which can be
checked in the answer or channel 2 mode test.
In the analog loopback or channel 2 mode, a logic low level
is placed on MODE (pin 13) and a logic high level on LB
(pin 2). This mode is used for a self check of the modulator,
demodulator, and high–band pass–band filter circuit. This
configuration is exactly like the originate loopback mode
above, except the signal is routed through the high–band
pass–band filter (see Figure 4d).


Số phần tương tự - MC145443BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC145443BDW LANSDALE-MC145443BDW Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
MC145443BDW LANSDALE-MC145443BDW Datasheet
395Kb / 11P
   Single?밅hip 300?밄aud Modem
More results

Mô tả tương tự - MC145443BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
logo
Motorola, Inc
MC145442 MOTOROLA-MC145442 Datasheet
227Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
   300 Baud Modem
logo
Motorola, Inc
MC145446A MOTOROLA-MC145446A Datasheet
267Kb / 14P
   SINGLE-CHIP 300-BAUD MODEM WITH DTMF TRANSCEIVER
logo
National Semiconductor ...
74VHC943 NSC-74VHC943 Datasheet
179Kb / 12P
   300 Baud Modem (5V Supply)
logo
CML Microcircuits
FX409 CMLMICRO-FX409 Datasheet
289Kb / 6P
   1200 BAUD FFSK MODEM
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
   1200 Baud FSK Modem
logo
CML Microcircuits
FX419 CMLMICRO-FX419 Datasheet
367Kb / 7P
   1200 BAUD FFSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com