công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145442BDW bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC145442BDW
Giải thích chi tiết về linh kiện  SINGLE-CHIP 300-BAUD MODEM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145442BDW bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC145442BDW Datasheet HTML 1Page - Motorola, Inc MC145442BDW Datasheet HTML 2Page - Motorola, Inc MC145442BDW Datasheet HTML 3Page - Motorola, Inc MC145442BDW Datasheet HTML 4Page - Motorola, Inc MC145442BDW Datasheet HTML 5Page - Motorola, Inc MC145442BDW Datasheet HTML 6Page - Motorola, Inc MC145442BDW Datasheet HTML 7Page - Motorola, Inc MC145442BDW Datasheet HTML 8Page - Motorola, Inc MC145442BDW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MC145442B
•MC145443B
MOTOROLA
1
Single-Chip 300-Baud Modem
The MC145442B and MC145443B silicon–gate CMOS single–chip low–
speed modems contain a complete frequency shift keying (FSK) modulator,
demodulator, and filter. These devices are compatible with CCITT V.21
(MC145442B) and Bell 103 (MC145443B) specifications. Both devices provide
full–duplex or half–duplex 300–baud data communication over a pair of
telephone lines. They also include a carrier detect circuit for the demodulator
section and a duplexer circuit for direct operation on a telephone line through a
simple transformer.
• MC145442B Compatible with CCITT V.21
• MC145443B Compatible with Bell 103
• Low–Band and High–Band Band–Pass Filters On–Chip
• Simplex, Half–Duplex, and Full–Duplex Operation
• Originate and Answer Mode
• Analog Loopback Configuration for Self Test
• Hybrid Network Function On–Chip
• Carrier Detect Circuit On–Chip
• Adjustable Transmit Level and CD Delay Timing
• On–Chip Crystal Oscillator (3.579 MHz)
• Single +5 V Power Supply Operation
• Internal Mid–Supply Generator
• Power–Down Mode
• Pin Compatible with MM74HC943
• Capable of Driving –9 dBm into a 600 Ω Load
Order this document
by MC145442B/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN ASSIGNMENT
MC145442B
MC145443B
P SUFFIX
PLASTIC DIP
CASE 738
DW SUFFIX
SOG PACKAGE
CASE 751D
20
1
20
1
VDD
CDT
CD
LB
DSI
FB
Xin
Xout
CDA
RxD
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
RxA1
TxA
Exl
VAG
TLA
TxD
VSS
MODE
SQT
RxA2
ORDERING INFORMATION
MC145442BP
Plastic DIP
MC145443BP
Plastic DIP
MC145442BDW
SOG Package
MC145443BDW
SOG Package
REV 1
9/00
© Motorola, Inc. 2000


Số phần tương tự - MC145442BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC145442BDW LANSDALE-MC145442BDW Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
MC145442BDW LANSDALE-MC145442BDW Datasheet
395Kb / 11P
   Single?밅hip 300?밄aud Modem
More results

Mô tả tương tự - MC145442BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
logo
Motorola, Inc
MC145442 MOTOROLA-MC145442 Datasheet
227Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
   300 Baud Modem
logo
Motorola, Inc
MC145446A MOTOROLA-MC145446A Datasheet
267Kb / 14P
   SINGLE-CHIP 300-BAUD MODEM WITH DTMF TRANSCEIVER
logo
National Semiconductor ...
74VHC943 NSC-74VHC943 Datasheet
179Kb / 12P
   300 Baud Modem (5V Supply)
logo
CML Microcircuits
FX409 CMLMICRO-FX409 Datasheet
289Kb / 6P
   1200 BAUD FFSK MODEM
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
   1200 Baud FSK Modem
logo
CML Microcircuits
FX419 CMLMICRO-FX419 Datasheet
367Kb / 7P
   1200 BAUD FFSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com