công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145583DW bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC145583DW
Giải thích chi tiết về linh kiện  3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145583DW bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC145583DW Datasheet HTML 1Page - Motorola, Inc MC145583DW Datasheet HTML 2Page - Motorola, Inc MC145583DW Datasheet HTML 3Page - Motorola, Inc MC145583DW Datasheet HTML 4Page - Motorola, Inc MC145583DW Datasheet HTML 5Page - Motorola, Inc MC145583DW Datasheet HTML 6Page - Motorola, Inc MC145583DW Datasheet HTML 7Page - Motorola, Inc MC145583DW Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MC145583
MOTOROLA
1
Product Preview
3.3 Volt Only
Driver/Receiver with an
Integrated Standby Mode
EIA–232–E and CCITT V.28
The MC145583 is a CMOS transceiver composed of three drivers and five
receivers that fulfills the electrical specifications of EIA–232–E, EIA–562, and
CCITT V.28 while operating from a single + 3.3 or + 5.0 V power supply. This
transceiver is a high–performance, low–power consumption device that is
equipped with a standby function.
A voltage tripler and inverter converts the + 3.3 V to
± 8.8 V, or a voltage
doubler and inverter converts the + 5.0 V to
± 8.8 V. This is accomplished
through an on–chip 40 kHz oscillator and five inexpensive external capacitors.
Drivers:
• ± 5 V Minimum Output Swing at 3.3 or 5.0 V Power Supply
• 300 Ω Power–Off Impedance
• Output Current Limiting
• Three–State Outputs During Standby Mode
Receivers:
• ± 25 V Input Range
• 3 to 7 kΩ Input Impedance
• 0.8 V Hysteresis for Enhanced Noise Immunity
• Three–State Outputs During Standby Mode
Ring Monitor Circuit:
• Invert the Input Level on Rx1 to Logic Output Level on RIMON at Standby
Mode
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
Order this document
by MC145583/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC145583
ORDERING INFORMATION
MC145583DW
SOG Package
MC145583VF
SSOP
VF SUFFIX
SSOP
CASE 940J
PIN ASSIGNMENT
C5+
1
C2+
28
GND
2
VCC
27
C5–
3
C2–
26
RIMON
4
C1+
25
VSS
5
C1–
24
STB
6
VDD
23
Rx1
7
DO1
22
Rx2
8
DO2
21
Rx3
9
DO3
20
Tx1
10
DI1
19
Rx4
11
DO4
18
Tx2
12
DI2
17
Rx5
13
DO5
16
Tx3
14
DI3
15
RING
MONITOR
CIRCUIT
(INVERTING)
28
1
28
1
DW SUFFIX
SOG PACKAGE
CASE 751F
© Motorola, Inc. 1996
REV 3
1/96


Số phần tương tự - MC145583DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145583DW MOTOROLA-MC145583DW Datasheet
253Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
logo
LANSDALE Semiconductor ...
MC145583DW LANSDALE-MC145583DW Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
MC145583DW LANSDALE-MC145583DW Datasheet
142Kb / 7P
   3.3 Volt Only Driver/Receiver
More results

Mô tả tương tự - MC145583DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14529B MOTOROLA-MC14529B Datasheet
253Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
MC145705 MOTOROLA-MC145705 Datasheet
232Kb / 12P
   5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE
logo
LANSDALE Semiconductor ...
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
ML145583 LANSDALE-ML145583_08 Datasheet
142Kb / 7P
   3.3 Volt Only Driver/Receiver
logo
Motorola, Inc
MC145407 MOTOROLA-MC145407 Datasheet
178Kb / 8P
   5 VOLT ONLY DRIVER / RECEIVER
logo
LANSDALE Semiconductor ...
ML145407 LANSDALE-ML145407_08 Datasheet
173Kb / 8P
   5 Volt Only Driver
logo
Texas Instruments
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
logo
Mitel Networks Corporat...
MT88L70 MITEL-MT88L70 Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
logo
Zarlink Semiconductor I...
MT88L70 ZARLINK-MT88L70 Datasheet
474Kb / 16P
   3 Volt Integrated DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com