công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145583DW bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MC145583DW
Giải thích chi tiết về linh kiện  3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145583DW bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MC145583DW Datasheet HTML 1Page - Motorola, Inc MC145583DW Datasheet HTML 2Page - Motorola, Inc MC145583DW Datasheet HTML 3Page - Motorola, Inc MC145583DW Datasheet HTML 4Page - Motorola, Inc MC145583DW Datasheet HTML 5Page - Motorola, Inc MC145583DW Datasheet HTML 6Page - Motorola, Inc MC145583DW Datasheet HTML 7Page - Motorola, Inc MC145583DW Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC145583
MOTOROLA
4
DRIVER ELECTRICAL SPECIFICATIONS
(Voltage polarities referenced to GND = 0 V; VCC = + 3.3 V or + 5.0 V ± 10%; C1 – C5 = 1 µF; TA = 25°C)
Parameter
Symbol
Min
Typ
Max
Unit
Digital Input Voltage
DI1 – DI3
Logic Low
Logic High
VIL
VIH
1.8
0.7
V
Digital Input Current
DI1 – DI3
VDI = GND
VDI = VCC
IIL
IIH
7
± 1.0
µA
Output High Voltage
Load on All Tx1 – Tx3, RL = 3 kΩ; CP = 2500 pF, VDI1 – DI3 = Logic Low
No Load
VOH
5.0
8.5
7.0
8.8
V
Output Low Voltage
Load on All Tx1 – Tx3, RL = 3 kΩ; CP = 2500 pF, VDI1 – DI3 = Logic High
No Load
VOL
– 7.0
– 8.8
– 5.0
– 8.5
V
Ripple (Refer to VDD – VSS Value) ***
VRF
± 5%
Off Source Impedance
Tx1 – Tx3
Zoff
300
Output Short Circuit Current (VCC = 3.3 V or 5.5 V)
Tx1 – Tx3 Shorted to GND*
Tx1 – Tx3 Shorted to
± 15 V**
ISC
± 60
± 100
mA
* Specification is for one Tx output to be shorted at a time. Should all three driver outputs be shorted simultaneously, device power dissipation
limits could be exceeded.
** This condition could exceed package limitations.
*** Ripple VRF would not exceed ± 5% of (VDD – VSS).
SWITCHING CHARACTERISTICS (VCC = + 3.3 V or + 5 V, ± 10%; C1 – C5 = 1 µF; TA = 25°C)
Parameter
Symbol
Min
Typ
Max
Unit
Drivers
Propagation Delay Time
Tx1 – Tx3
Low–to–High
(RL = 3 kΩ, CL = 50 pF or 2500 pF)
tDPLH
0.5
1
µs
High–to–Low
(RL = 3 kΩ, CL = 50 pF or 2500 pF)
tDPHL
0.5
1
Output Slew Rate (Source R = 300
Ω)
Tx1 – Tx3
Loading: RL = 3 – 7 kΩ; CL = 2500 pF
SR
± 4
± 30
V/
µs
Output Disable Time*
tDAZ
4
10
µs
Output Enable Time*
tDZA
25
50
ms
Receivers
Propagation Delay Time
DO1 – DO5
Low–to–High
tRPLH
1
µs
High–to–Low
tRPHL
1
Output Rise Time
DO1 – DO5
tr
120
200
ns
Output Fall Time
DO1 – DO5
tf
40
100
ns
Output Disable Time*
tRAZ
4
10
µs
Output Enable Time*
tRZA
25
50
ms
* Including the charge pump setup time.
TRUTH TABLES
Drivers
DI
STB
Tx
X
H
Z*
H
L
L
L
L
H
* VSS ≤ VTx ≤ VDD
X = Don’t Care
Receivers
Rx
STB
DO
X
H
Z*
H
L
L
L
L
H
* GND
≤ VDO ≤ VCC
X = Don’t Care


Số phần tương tự - MC145583DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145583DW MOTOROLA-MC145583DW Datasheet
253Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
logo
LANSDALE Semiconductor ...
MC145583DW LANSDALE-MC145583DW Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
MC145583DW LANSDALE-MC145583DW Datasheet
142Kb / 7P
   3.3 Volt Only Driver/Receiver
More results

Mô tả tương tự - MC145583DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14529B MOTOROLA-MC14529B Datasheet
253Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
MC145705 MOTOROLA-MC145705 Datasheet
232Kb / 12P
   5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE
logo
LANSDALE Semiconductor ...
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
ML145583 LANSDALE-ML145583_08 Datasheet
142Kb / 7P
   3.3 Volt Only Driver/Receiver
logo
Motorola, Inc
MC145407 MOTOROLA-MC145407 Datasheet
178Kb / 8P
   5 VOLT ONLY DRIVER / RECEIVER
logo
LANSDALE Semiconductor ...
ML145407 LANSDALE-ML145407_08 Datasheet
173Kb / 8P
   5 Volt Only Driver
logo
Texas Instruments
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
logo
Mitel Networks Corporat...
MT88L70 MITEL-MT88L70 Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
logo
Zarlink Semiconductor I...
MT88L70 ZARLINK-MT88L70 Datasheet
474Kb / 16P
   3 Volt Integrated DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com