công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14538B bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC14538B
Giải thích chi tiết về linh kiện  DUAL PRECISION RETRIGGERABLE / RESETTABLE MONOSTABLE MULTIVIBRATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14538B bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC14538B Datasheet HTML 1Page - Motorola, Inc MC14538B Datasheet HTML 2Page - Motorola, Inc MC14538B Datasheet HTML 3Page - Motorola, Inc MC14538B Datasheet HTML 4Page - Motorola, Inc MC14538B Datasheet HTML 5Page - Motorola, Inc MC14538B Datasheet HTML 6Page - Motorola, Inc MC14538B Datasheet HTML 7Page - Motorola, Inc MC14538B Datasheet HTML 8Page - Motorola, Inc MC14538B Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MOTOROLA CMOS LOGIC DATA
1
MC14538B
Dual Precision
Retriggerable/Resettable
Monostable Multivibrator
The MC14538B is a dual, retriggerable, resettable monostable multivibra-
tor. It may be triggered from either edge of an input pulse, and produces an
accurate output pulse over a wide range of widths, the duration and accuracy
of which are determined by the external timing components, CX and RX.
• Unlimited Rise and Fall Time Allowed on the A Trigger Input
• Pulse Width Range = 10 µs to 10 s
• Latched Trigger Inputs
• Separate Latched Reset Inputs
• 3.0 Vdc to 18 Vdc Operational Limits
• Triggerable from Positive (A Input) or Negative–Going Edge (B–Input)
• Capable of Driving Two Low–power TTL Loads or One Low–power
Schottky TTL Load Over the Rated Temperature Range
• Pin–for–pin Compatible with MC14528B and CD4528B (CD4098)
• Use the MC54/74HC4538A for Pulse Widths Less Than 10 µs with
Supplies Up to 6 V.
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 18.0
V
Vin, Vout Input or Output Voltage (DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
PD
Power Dissipation, per Package†
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature (8–Second Soldering)
260
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
†Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
Ceramic “L” Packages: – 12 mW/
_C From 100_C To 125_C
ONE–SHOT SELECTION GUIDE
100 ns
MC14528B
MC14536B
MC14538B
MC14541B
MC4538A*
1
µs
10
µs 100 µs
1 ms
10 ms
100 ms
1 s
10 s
*LIMITED OPERATING VOLTAGE (2 – 6 V)
TOTAL OUTPUT PULSE WIDTH RANGE
RECOMMENDED PULSE WIDTH RANGE
23 HR
5 MIN.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14538B
L SUFFIX
CERAMIC
CASE 620
ORDERING INFORMATION
MC14XXXBCP
Plastic
MC14XXXBCL
Ceramic
*MC14XXXBDW
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 648
DW SUFFIX
SOIC
CASE 751G
BLOCK DIAGRAM
* Consult factory for possible “D” suffix SOIC
Case 751B.
VDD
VDD
6
7
10
9
12
11
5
4
A
B
CX
RX
1
2
Q1
Q1
RESET
3
CX
RX
15
14
Q2
Q2
RESET
13
A
B
RX AND CX ARE EXTERNAL COMPONENTS.
VDD = PIN 16
VSS = PIN 8, PIN 1, PIN 15


Số phần tương tự - MC14538B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14538B ONSEMI-MC14538B Datasheet
286Kb / 12P
   Dual Precision Retiggerable/Resettable Monostable Multivibrator
March, 2000 ??Rev. 3
MC14538B ONSEMI-MC14538B Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
MC14538B ONSEMI-MC14538B Datasheet
198Kb / 14P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
May, 2013 ??Rev. 10
MC14538B ONSEMI-MC14538B Datasheet
179Kb / 13P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
July, 2014 ??Rev. 11
MC14538BCP ONSEMI-MC14538BCP Datasheet
286Kb / 12P
   Dual Precision Retiggerable/Resettable Monostable Multivibrator
March, 2000 ??Rev. 3
More results

Mô tả tương tự - MC14538B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_05 Datasheet
167Kb / 16P
   Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
logo
Motorola, Inc
MC54HC4538A MOTOROLA-MC54HC4538A Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
logo
ON Semiconductor
MC14538B ONSEMI-MC14538B_14 Datasheet
179Kb / 13P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
July, 2014 ??Rev. 11
MC14538BDWG ONSEMI-MC14538BDWG Datasheet
198Kb / 14P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
May, 2013 ??Rev. 10
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com