công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14534BDW bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MC14534BDW
Giải thích chi tiết về linh kiện  5 CASCADED BCD COUNTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14534BDW bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MC14534BDW Datasheet HTML 1Page - Motorola, Inc MC14534BDW Datasheet HTML 2Page - Motorola, Inc MC14534BDW Datasheet HTML 3Page - Motorola, Inc MC14534BDW Datasheet HTML 4Page - Motorola, Inc MC14534BDW Datasheet HTML 5Page - Motorola, Inc MC14534BDW Datasheet HTML 6Page - Motorola, Inc MC14534BDW Datasheet HTML 7Page - Motorola, Inc MC14534BDW Datasheet HTML 8Page - Motorola, Inc MC14534BDW Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MOTOROLA CMOS LOGIC DATA
MC14534B
4
SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C, see Figure 1)
Characteristic
Symbol
VDD
Vdc
Min
Typ #
Max
Unit
Output Rise and Fall Time
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time,
Clock to Q
tPLH, tPHL = (1.8 ns/pF) CL + 4.0 µs
tPLH, tPHL = (0.8 ns/pF) CL + 1.5 µs
tPLH, tPHL = (0.6 ns/pF) CL + 1.0 µs
tPLH,
tPHL
5.0
10
15
4.0
1.5
1.0
8.0
3.0
2.25
µs
Clock to Carry Out
tPLH = (1.8 ns/pF) CL + 3.3 µs
tPLH = (0.8 ns/pF) CL + 1.1 µs
tPLH = (0.6 ns/pF) CL + 0.8 µs
tPLH
5.0
10
15
3.3
1.1
0.8
6.6
2.2
1.7
µs
Master Reset to Q
tPHL = (1.8 ns/pF) CL + 1.8 µs
tPHL = (0.8 ns/pF) CL + 0.6 µs
tPHL = (0.6 ns/pF) CL + 0.5 µs
tPHL
5.0
10
15
1.8
0.6
0.5
3.6
1.2
0.9
µs
Master Reset to Error Out
tPHL = (1.8 ns/pF) CL + 0.57 µs
tPHL = (0.8 ns/pF) CL + 0.19 µs
tPHL = (0.6 ns/pF) CL + 0.11 µs
tPHL
5.0
10
15
0.6
0.2
0.12
1.5
.5
0.38
µs
Scanner Clock to Q
tPLH, tPHL = (1.8 ns/pF) CL + 1.8 µs
tPLH, tPHL = (0.8 ns/pF) CL + 0.6 µs
tPLH, tPHL = (0.6 ns/pF) CL + 0.5 µs
tPLH,
tPHL
5.0
10
15
1.8
0.6
0.5
3.6
1.2
0.9
µs
Scanner Clock to Digit Select
tPHL, tPLH = (1.8 ns/pF) CL + 1.5 µs
tPHL, tPLH = (0.8 ns/pF) CL + 0.5 µs
tPHL, tPLH = (0.6 ns/pF) CL + 0.4 µs
tPLH,
tPLH
5.0
10
15
1.5
0.5
0.4
3.0
1.0
0.75
µs
Propagation Delay Time
3–State Control to Q
tPHZ
5.0
10
15
75
45
40
150
90
80
ns
tPZH
5.0
10
15
120
55
40
240
110
80
ns
tPLZ
5.0
10
15
120
55
45
240
110
90
ns
tPZL
5.0
10
15
160
70
45
320
140
90
ns
Clock Pulse Frequency
fcl
5.0
10
15
1.0
3.0
5.0
0.5
1.0
1.2
MHz
Clock or Scanner Clock Pulse Width
tWH
5.0
10
15
1000
500
375
500
190
125
ns
Scanner Reset Pulse Width
tw
5.0
10
15
320
130
80
160
65
40
ns
Scanner Reset Removal Time
trem
5.0
10
15
900
150
100
270
80
50
ns
Master Reset Pulse Width
tWH(R)
5.0
10
15
2000
600
450
900
300
250
ns
Master Reset Removal Time
trem
5.0
10
15
1060
350
250
550
205
140
ns
* The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Số phần tương tự - MC14534BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14530B MOTOROLA-MC14530B Datasheet
220Kb / 7P
   DUAL 5-INPUT MAJORITY LOGIC GATE
MC14530BCL MOTOROLA-MC14530BCL Datasheet
220Kb / 7P
   DUAL 5-INPUT MAJORITY LOGIC GATE
MC14530BCP MOTOROLA-MC14530BCP Datasheet
220Kb / 7P
   DUAL 5-INPUT MAJORITY LOGIC GATE
MC14530BD MOTOROLA-MC14530BD Datasheet
220Kb / 7P
   DUAL 5-INPUT MAJORITY LOGIC GATE
MC145310 MOTOROLA-MC145310 Datasheet
39Kb / 1P
   Tone/Pulse dialler with flash
More results

Mô tả tương tự - MC14534BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD54HC160 TI-CD54HC160 Datasheet
248Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
logo
Renesas Technology Corp
HD74HC4518 RENESAS-HD74HC4518 Datasheet
115Kb / 9P
   Dual BCD Up Counters
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
CD54HC160F TI-CD54HC160F Datasheet
240Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
logo
ON Semiconductor
SN54-74LS160A ONSEMI-SN54-74LS160A Datasheet
79Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Motorola, Inc
SN54LS160A MOTOROLA-SN54LS160A Datasheet
157Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
ON Semiconductor
SN74LS161A ONSEMI-SN74LS161A Datasheet
205Kb / 8P
   BCD Decade Counters 4?묪it Binary Counters
July, 2006 ??Rev. 2
logo
National Semiconductor ...
54LS160A NSC-54LS160A Datasheet
173Kb / 8P
   Synchronous Presettable BCD Decade Counters
logo
Aeroflex Circuit Techno...
UT54ACS190 AEROFLEX-UT54ACS190 Datasheet
266Kb / 10P
   Synchronous 4-Bit Up-Down BCD Counters
logo
Motorola, Inc
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com