công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14536B bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MC14536B
Giải thích chi tiết về linh kiện  PROGRAMMABLE TIMER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14536B bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MC14536B Datasheet HTML 1Page - Motorola, Inc MC14536B Datasheet HTML 2Page - Motorola, Inc MC14536B Datasheet HTML 3Page - Motorola, Inc MC14536B Datasheet HTML 4Page - Motorola, Inc MC14536B Datasheet HTML 5Page - Motorola, Inc MC14536B Datasheet HTML 6Page - Motorola, Inc MC14536B Datasheet HTML 7Page - Motorola, Inc MC14536B Datasheet HTML 8Page - Motorola, Inc MC14536B Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MOTOROLA CMOS LOGIC DATA
MC14536B
4
PIN DESCRIPTIONS
INPUTS
SET (Pin 1) — A high on Set asynchronously forces
Decode Out to a high level. This is accomplished by setting
an output conditioning latch to a high level while at the same
time resetting the 24 flip–flop stages. After Set goes low
(inactive), the occurrence of the first negative clock transition
on IN1 causes Decode Out to go low. The counter’s flip–flop
stages begin counting on the second negative clock transi-
tion of IN1. When Set is high, the on–chip RC oscillator is
disabled. This allows for very low–power standby operation.
RESET (Pin 2) — A high on Reset asynchronously forces
Decode Out to a low level; all 24 flip–flop stages are also
reset to a low level. Like the Set input, Reset disables the
on–chip RC oscillator for standby operation.
IN1 (Pin 3) — The device’s internal counters advance on
the negative–going edge of this input. IN1 may be used as an
external clock input or used in conjunction with OUT1 and
OUT2 to form an RC oscillator. When an external clock is
used, both OUT1 and OUT2 may be left unconnected or
used to drive 1 LSTTL or several CMOS loads.
8–BYPASS (Pin 6) — A high on this input causes the first
8 flip–flop stages to be bypassed. This device essentially be-
comes a 16–stage counter with all 16 stages selectable.
Selection is accomplished by the A, B, C, and D inputs. (See
the truth tables.)
CLOCK INHIBIT (Pin 7) — A high on this input discon-
nects the first counter stage from the clocking source. This
holds the present count and inhibits further counting. How-
ever, the clocking source may continue to run. Therefore,
when Clock Inhibit is brought low, no oscillator start–up time
is required. When Clock Inhibit is low, the counter will start
counting on the occurrence of the first negative edge of the
clocking source at IN1.
OSC INHIBIT (Pin 14) — A high level on this pin stops the
RC oscillator which allows for very low–power standby op-
eration. May also be used, in conjunction with an external
clock, with essentially the same results as the Clock Inhibit
input.
MONO–IN (Pin 15) — Used as the timing pin for the on–
chip monostable multivibrator. If the Mono–In input is con-
nected to VSS, the monostable circuit is disabled, and
Decode Out is directly connected to the selected Q output.
The monostable circuit is enabled if a resistor is connected
between Mono–In and VDD. This resistor and the device’s in-
ternal capacitance will determine the minimum output pulse
widths. With the addition of an external capacitor to VSS, the
pulse width range may be extended. For reliable operation
the resistor value should be limited to the range of 5 k
Ω to
100 k
Ω and the capacitor value should be limited to a maxi-
mum of 1000 pf. (See figures 3, 4, 5, and 10).
A, B, C, D (Pins 9, 10, 11, 12) — These inputs select the
flip–flop stage to be connected to Decode Out. (See the truth
tables.)
OUTPUTS
OUT1, OUT2 (Pin 4, 5) — Outputs used in conjunction with
IN1 to form an RC oscillator. These outputs are buffered and
may be used for 20 frequency division of an external clock.
DECODE OUT (Pin 13) — Output function depends on
configuration. When the monostable circuit is disabled, this
output is a 50% duty cycle square wave during free run.
TEST MODE
The test mode configuration divides the 24 flip–flop stages
into three 8–stage sections to facilitate a fast test sequence.
The test mode is enabled when 8–Bypass, Set and Reset
are at a high level. (See Figure 8.)


Số phần tương tự - MC14536B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
MC14536B ONSEMI-MC14536B Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
MC14536B ONSEMI-MC14536B Datasheet
151Kb / 15P
   Programmable Timer
November, 2014 ??Rev. 14
MC14536BCP ONSEMI-MC14536BCP Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
MC14536BCP ONSEMI-MC14536BCP Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
More results

Mô tả tương tự - MC14536B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
   PROGRAMMABLE TIMER
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
logo
System Logic Semiconduc...
SL4541B SLS-SL4541B Datasheet
47Kb / 5P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com