công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV358IPWR bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
|
LMV358IPWR bảng dữ liệu(HTML) 1 Page - Texas Instruments |
1 / 31 page LMV321 SINGLE, LMV358 DUAL, LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN LOW VOLTAGE RAILTORAIL OUTPUT OPERATIONAL AMPLIFIERS SLOS263Q − AUGUST 1999 − REVISED OCTOBER 2004 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 2.7-V and 5-V Performance D −405C to 1255C Operation D Low-Power Shutdown Mode (LMV324S) D No Crossover Distortion D Low Supply Current − LMV321 . . . 130 µA Typ − LMV358 . . . 210 µA Typ − LMV324 . . . 410 µA Typ − LMV324S . . . 410 µA Typ D Rail-to-Rail Output Swing D ESD Protection Exceeds JESD 22 − 2000-V Human-Body Model (A114-A) − 1000-V Charged-Device Model (C101) description/ordering information The LMV321, LMV358, and LMV324/LMV324S are single, dual, and quad low-voltage (2.7 V to 5.5 V), operational amplifiers with rail-to-rail output swing. The LMV324S, which is a variation of the standard LMV324, includes a power-saving shutdown feature that reduces supply current to a maximum of 5 µA per channel when the amplifiers are not needed. Channels 1 and 2 together are put in shutdown, as are channels 3 and 4. While in shutdown, the outputs actively are pulled low. The LMV321, LMV358, LMV324, and LMV324S are the most cost-effective solutions for applications where low-voltage operation, space saving, and low cost are needed. These amplifiers were designed specifically for low-voltage (2.7 V to 5 V) operation, with performance specifications meeting or exceeding the LM358 and LM324 devices that operate from 5 V to 30 V. Additional features of the LMV3xx devices are a common-mode input voltage range that includes ground, 1-MHz unity-gain bandwidth, and 1-V/ µs slew rate. The LMV321 is available in the ultra-small DCK (SC-70) package, which is approximately one-half the size of the DBV (SOT-23) package. This package saves space on printed circuit boards and enables the design of small portable electronic devices. It also allows the designer to place the device closer to the signal source to reduce noise pickup and increase signal integrity. Copyright 2004, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1OUT 1IN− 1IN+ VCC+ 2IN+ 2IN− 2OUT 4OUT 4IN− 4IN+ GND 3IN+ 3IN− 3OUT LMV324 ...D (SOIC) OR PW (TSSOP) PACKAGE (TOP VIEW) LMV358 ...D (SOIC), DDU (VSSOP), DGK (MSOP), OR PW (TSSOP PACKAGE (TOP VIEW) 1 2 3 4 8 7 6 5 1OUT 1IN− 1IN+ GND VCC+ 2OUT 2IN− 2IN+ LMV321 . . . DBV (SOT-23) OR DCK (SC-70) PACKAGE (TOP VIEW) VCC+ OUT 1 2 3 5 4 1IN+ GND IN− 1OUT 1IN− 1IN+ VCC 2IN+ 2IN− 2OUT 1/2 SHDN 4OUT 4IN− 4IN+ GND 3IN+ 3IN− 3OUT 3/4 SHDN 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 LMV324S ...D (SOIC) OR PW (TSSOP) PACKAGE (TOP VIEW) |
Số phần tương tự - LMV358IPWR |
|
Mô tả tương tự - LMV358IPWR |