công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SFR25 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện SFR25
Giải thích chi tiết về linh kiện  Standard metal film resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

SFR25 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  SFR25 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2002 Dec 02
3
BCcomponents
Product specification
Standard metal film resistors
SFR16S/25/25H
ORDERING INFORMATION
Table 1
12NC ordering code indicating resistor type and packaging
Note
1. The jumper has a maximum resistance Rmax = 10 mW at 5 A.
TYPE
TOL.
ORDERING CODE 23.. ... .....
BANDOLIER
IN AMMOPACK
BANDOLIER
ON REEL
RADIAL TAPED
STRAIGHT LEADS
STRAIGHT LEADS
4 000 units
1 000 units
5 000 units
5 000 units
SFR16S
±5%
-
..22 187 73...
..22 187 53...
..06 187 23...
±1%
-
-
..06 187 3...
..06 187 1....
jumper(1)
-
-
-
..06 187 90013
SFR25
±5%
..06 184 03...
..22 181 53...
..22 181 43...
..22 181 63...
±1%
-
-
..22 188 2...
..06 181 8....
jumper(1)
-
-
..22 181 90019
..06 181 90011
SFR25H
±5%
-
..22 186 16...
..22 186 76...
..06 186 63...
±1%
-
-
..22 186 3....
..06 186 8....
Composition of the 12NC
· The resistors have a 12-digit
ordering code
starting with 23
· The subsequent 7 digits indicate the
resistor type and packaging;
see Table 1.
· The remaining digits indicate the
resistance value:
– The first 2 or 3 digits indicate the
resistance value.
– The last digit indicates the
resistance decade in accordance
with Tables 2 or 3.
Table 2
Last digit for
±5% tolerance
RESISTANCE
DECADE
LAST DIGIT
0.10 to 0.91
W
7
1 to 9.1
W
8
10 to 91
W
9
100 to 910
W
1
1 to 9.1 k
W
2
10 to 91 k
W
3
100 to 910 k
W
4
1 to 9.1 M
W
5
³10 MW
6
Table 3
Last digit for
±1% tolerance
ORDERING EXAMPLE: 12NC
The ordering code of a SFR25 resistor,
value 5600
W ±5%, taped on a
bandolier of 5000 units in ammopack
is: 2322 181 43562.
RESISTANCE
DECADE
LAST DIGIT
1 to 9.76
W
8
10 to 97.6
W
9
100 to 976
W
1
1 to 9.76 k
W
2
10 to 97.6 k
W
3
100 to 976 k
W
4
1 to 9.76 M
W
5
³10 MW
6


Số phần tương tự - SFR25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SFR25 ETC1-SFR25 Datasheet
349Kb / 15P
   Standard metal film resistors
logo
Vishay Siliconix
SFR25 VISHAY-SFR25 Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
logo
List of Unclassifed Man...
SFR25H ETC1-SFR25H Datasheet
349Kb / 15P
   Standard metal film resistors
logo
Vishay Siliconix
SFR25H VISHAY-SFR25H Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
More results

Mô tả tương tự - SFR25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SFR16S ETC1-SFR16S Datasheet
349Kb / 15P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com