công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM358 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
LM358 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 20 page LM158, LM158A, LM258, LM258A LM358, LM358A, LM2904, LM2904V DUAL OPERATIONAL AMPLIFIERS SLOS068P − JUNE 1976 − REVISED SEPTEMBER 2004 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) ORDERING INFORMATION TA VIOmax AT 25 °C MAX TESTED VCC PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP (P) Tube of 50 LM358P LM358P SOIC (D) Tube of 75 LM358D LM358 SOIC (D) Reel of 2500 LM358DR LM358 7 mV 30 V SOP (PS) Reel of 2000 LM358PSR L358 7 mV 30 V TSSOP (PW) Tube of 150 LM358PW L358 TSSOP (PW) Reel of 2000 LM358PWR L358 0 °C to 70°C MSOP/VSSOP (DGK) Reel of 2500 LM358DGKR M5_‡ 0 C to 70 C PDIP (P) Tube of 50 LM358AP LM358AP SOIC (D) Tube of 75 LM358AD LM358A 3 mV 30 V SOIC (D) Reel of 2500 LM358ADR LM358A 3 mV 30 V TSSOP (PW) Tube of 150 LM358APW L358A TSSOP (PW) Reel of 2000 LM358APWR L358A MSOP/VSSOP (DGK) Reel of 2500 LM358ADGKR M6_‡ PDIP (P) Tube of 50 LM258P LM258P 5 mV 30 V SOIC (D) Tube of 75 LM258D LM258 5 mV 30 V SOIC (D) Reel of 2500 LM258DR LM258 −25 °C to 85°C MSOP/VSSOP (DGK) Reel of 2500 LM258DGKR M2_‡ −25 °C to 85°C PDIP (P) Tube of 50 LM258AP LM258AP 3 mV 30 V SOIC (D) Tube of 75 LM258AD LM258A 3 mV 30 V SOIC (D) Reel of 2500 LM258ADR LM258A MSOP/VSSOP (DGK) Reel of 2500 LM258ADGKR M3_‡ PDIP (P) Tube of 50 LM2904P LM2904P SOIC (D) Tube of 75 LM2904D LM2904 SOIC (D) Reel of 2500 LM2904DR LM2904 7 mV 26 V SOP (PS) Reel of 2000 LM2904PSR L2904 7 mV 26 V TSSOP (PW) Tube of 150 LM2904PW L2904 −40 °C to 125°C TSSOP (PW) Reel of 2000 LM2904PWR L2904 −40 C to 125 C MSOP/VSSOP (DGK) Reel of 2500 LM2904DGKR MB_‡ 7 mV 32 V SOIC (D) Reel of 2500 LM2904VQDR L2904V 7 mV 32 V TSSOP (PW) Reel of 2000 LM2904VQPWR L2904V 2 mV 32 V SOIC (D) Reel of 2500 LM2904AVQDR L2904AV 2 mV 32 V TSSOP (PW) Reel of 2000 LM2904AVQPWR L2904AV 5 mV 30 V CDIP (JG) Tube of 50 LM158JG LM158JG −55 °C to 125°C 5 mV 30 V LCCC (FK) Tube of 55 LM158FK LM158FK −55 °C to 125°C 2 mV 30 V CDIP (JG) Tube of 50 LM158AJG LM158AJG 2 mV 30 V LCCC (FK) Tube of 55 LM158AFK LM158AFK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. ‡ The actual top-side marking has one additional character that designates the assembly/test site. |
Số phần tương tự - LM358 |
|
Mô tả tương tự - LM358 |