công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145170DT1 bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MC145170DT1
Giải thích chi tiết về linh kiện  PLL Frequency Synthesizer with Serial Interface CMOS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145170DT1 bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MC145170DT1 Datasheet HTML 1Page - Motorola, Inc MC145170DT1 Datasheet HTML 2Page - Motorola, Inc MC145170DT1 Datasheet HTML 3Page - Motorola, Inc MC145170DT1 Datasheet HTML 4Page - Motorola, Inc MC145170DT1 Datasheet HTML 5Page - Motorola, Inc MC145170DT1 Datasheet HTML 6Page - Motorola, Inc MC145170DT1 Datasheet HTML 7Page - Motorola, Inc MC145170DT1 Datasheet HTML 8Page - Motorola, Inc MC145170DT1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
MC145170–1
MOTOROLA
4
AC INTERFACE CHARACTERISTICS ( TA = – 40 to + 85°C, CL = 50 pF, Input tr = tf = 10 ns unless otherwise indicated)
Symbol
Parameter
Figure
No.
VDD
V
Guaranteed
Limit
Unit
fclk
Serial Data Clock Frequency (Note: Refer to Clock tw Below)
1
2.5
4.5
5.5
dc to 3.0
dc to 4.0
dc to 4.0
MHz
tPLH, tPHL
Maximum Propagation Delay, CLK to Dout
1, 5
2.5
4.5
5.5
150
85
85
ns
tPLZ, tPHZ
Maximum Disable Time, Dout Active to High Impedance
2, 6
2.5
4.5
5.5
300
200
200
ns
tPZL, tPZH
Access Time, Dout High Impedance to Active
2, 6
2.5
4.5
5.5
0 to 200
0 to 100
0 to 100
ns
tTLH, tTHL
Maximum Output Transition Time, Dout
CL = 50 pF
1, 5
2.5
4.5
5.5
150
50
50
ns
CL = 200 pF
1, 5
2.5
4.5
5.5
900
150
150
ns
Cin
Maximum Input Capacitance – Din, ENB, CLK
10
pF
Cout
Maximum Output Capacitance – Dout
10
pF
TIMING REQUIREMENTS ( TA = – 40 to + 85°C, Input tr = tf = 10 ns unless otherwise indicated)
Symbol
Parameter
Figure
No.
VDD
V
Guaranteed
Limit
Unit
tsu, th
Minimum Setup and Hold Times, Din vs CLK
3
2.5
4.5
5.5
55
40
40
ns
tsu, th, trec
Minimum Setup, Hold, and Recovery Times, ENB vs CLK
4
2.5
4.5
5.5
135
100
100
ns
tw(H)
Minimum Inactive–High Pulse Width, ENB
4
2.5
4.5
5.5
400
300
300
ns
tw
Minimum Pulse Width, CLK
1
2.5
4.5
5.5
166
125
125
ns
tr, tf
Maximum Input Rise and Fall Times, CLK
1
2.5
4.5
5.5
100
100
100
µs


Số phần tương tự - MC145170DT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145170DT2 MOTOROLA-MC145170DT2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
LANSDALE Semiconductor ...
MC145170DT2 LANSDALE-MC145170DT2 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Freescale Semiconductor...
MC145170DT2 FREESCALE-MC145170DT2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
More results

Mô tả tương tự - MC145170DT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
ML145106 LANSDALE-ML145106 Datasheet
389Kb / 8P
   PLL Frequency Synthesizer CMOS
logo
Fujitsu Component Limit...
MB87001A FUJITSU-MB87001A Datasheet
339Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145106 MOTOROLA-MC145106 Datasheet
119Kb / 8P
   PLL FREQUENCY SYNTHESIZER CMOS
logo
Fujitsu Component Limit...
MB87014A FUJITSU-MB87014A Datasheet
658Kb / 12P
   CMOS PLL Frequency Synthesizer
MB87073 FUJITSU-MB87073 Datasheet
409Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com