công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC16244 bảng dữ liệu(PDF) 9 Page - NXP Semiconductors

tên linh kiện 74LVC16244
Giải thích chi tiết về linh kiện  16-bit buffer/line driver; 5V input/output tolerant 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16244 bảng dữ liệu(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC16244 Datasheet HTML 2Page - NXP Semiconductors 74LVC16244 Datasheet HTML 3Page - NXP Semiconductors 74LVC16244 Datasheet HTML 4Page - NXP Semiconductors 74LVC16244 Datasheet HTML 5Page - NXP Semiconductors 74LVC16244 Datasheet HTML 6Page - NXP Semiconductors 74LVC16244 Datasheet HTML 7Page - NXP Semiconductors 74LVC16244 Datasheet HTML 8Page - NXP Semiconductors 74LVC16244 Datasheet HTML 9Page - NXP Semiconductors 74LVC16244 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2003 Dec 08
9
Philips Semiconductors
Product specification
16-bit buffer/line driver; 5 V input/output
tolerant; 3-state
74LVC16244A;
74LVCH16244A
Notes
1. All typical values are measured at VCC = 3.3 V and Tamb =25 °C.
2. For bushold parts, the bushold circuit is switched off when VI >VCC allowing 5.5 V on the input pin.
3. Valid for data inputs of bushold parts (74LVCH16244A) only. For data inputs only, control inputs do not have a
bushold circuit.
4. The specified sustaining current at the data inputs holds the input below the specified VI level.
5. The specified overdrive current at the data input forces the data input to the opposite logic input state.
Tamb = −40 to +125 °C
VIH
HIGH-level input voltage
1.2
VCC
−−
V
2.7 to 3.6
2.0
−−
V
VIL
LOW-level input voltage
1.2
−−
0V
2.7 to 3.6
−−
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −100 µA
2.7 to 3.6
VCC − 0.3
−−
V
IO = −12 mA
2.7
VCC − 0.65
−−
V
IO = −18 mA
3.0
VCC − 0.75
−−
V
IO = −24 mA
3.0
VCC − 1
−−
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO = 100 µA
2.7 to 3.6
−−
0.3
V
IO =12mA
2.7
−−
0.6
V
IO =24mA
3.0
−−
0.8
V
ILI
input leakage current
VI = 5.5 V or GND;
note 2
3.6
−−
±20
µA
IOZ
3-state output OFF-state
current
VI =VIH or VIL;
VO = 5.5 V or GND;
note 2
3.6
−−
±20
µA
Ioff
power-off leakage supply
current
VI or VO = 5.5 V
0.0
−−
±20
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0
3.6
−−
80
µA
∆ICC
additional quiescent supply
current per input pin
VI =VCC − 0.6 V;
IO =0
2.7 to 3.6
−−
5000
µA
IBH
bushold LOW sustaining
current
VI = 0.8 V;
notes 3 and 4
3.0
60
−−µA
IBHH
bushold HIGH sustaining
current
VI = 2.0 V;
notes 3 and 4
3.0
−60
−−µA
IBHLO
bushold LOW overdrive
current
notes 3 and 5
3.6
500
−−µA
IBHHO
bushold HIGH overdrive
current
notes 3 and 5
3.6
−500
−−µA
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)


Số phần tương tự - 74LVC16244

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
logo
Nexperia B.V. All right...
74LVC16244A NEXPERIA-74LVC16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
logo
NXP Semiconductors
74LVC16244ABQ NXP-74LVC16244ABQ Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
More results

Mô tả tương tự - 74LVC16244

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
74ALVCH16540 PHILIPS-74ALVCH16540 Datasheet
97Kb / 12P
   2.5V/3.3V 16-bit buffer/line driver, inverting, 5V input tolerant 3-State
1997 Aug 11
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
logo
NXP Semiconductors
74LVC162244A PHILIPS-74LVC162244A Datasheet
79Kb / 10P
   16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
74LVC16240A PHILIPS-74LVC16240A_15 Datasheet
225Kb / 16P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 4-3 November 2011
logo
Nexperia B.V. All right...
74LVC16240A NEXPERIA-74LVC16240A Datasheet
210Kb / 12P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 5 - 25 April 2019
logo
NXP Semiconductors
74LVCH32244A PHILIPS-74LVCH32244A_15 Datasheet
163Kb / 14P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 3-16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com