công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC16240ADGG bảng dữ liệu(PDF) 10 Page - NXP Semiconductors

tên linh kiện 74LVC16240ADGG
Giải thích chi tiết về linh kiện  16-bit buffer/line driver; inverting 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16240ADGG bảng dữ liệu(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC16240ADGG Datasheet HTML 2Page - NXP Semiconductors 74LVC16240ADGG Datasheet HTML 3Page - NXP Semiconductors 74LVC16240ADGG Datasheet HTML 4Page - NXP Semiconductors 74LVC16240ADGG Datasheet HTML 5Page - NXP Semiconductors 74LVC16240ADGG Datasheet HTML 6Page - NXP Semiconductors 74LVC16240ADGG Datasheet HTML 7Page - NXP Semiconductors 74LVC16240ADGG Datasheet HTML 8Page - NXP Semiconductors 74LVC16240ADGG Datasheet HTML 9Page - NXP Semiconductors 74LVC16240ADGG Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Philips Semiconductors
Product specification
74LVC16240A
16-bit buffer/line driver; inverting (3-State)
yyyy mmm dd
10
Philips Semiconductors and Philips Electronics North America Corporation reserve the right to make changes, without notice, in the products,
including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips
Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright,
or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask
work right infringement, unless otherwise specified. Applications that are described herein for any of these products are for illustrative purposes
only. Philips Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing
or modification.
LIFE SUPPORT APPLICATIONS
Philips Semiconductors and Philips Electronics North America Corporation Products are not designed for use in life support appliances, devices,
or systems where malfunction of a Philips Semiconductors and Philips Electronics North America Corporation Product can reasonably be expected
to result in a personal injury. Philips Semiconductors and Philips Electronics North America Corporation customers using or selling Philips
Semiconductors and Philips Electronics North America Corporation Products for use in such applications do so at their own risk and agree to fully
indemnify Philips Semiconductors and Philips Electronics North America Corporation for any damages resulting from such improper use or sale.
This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips
Semiconductors reserves the right to make changes at any time without notice in order to improve design
and supply the best possible product.
Philips Semiconductors
811 East Arques Avenue
P.O. Box 3409
Sunnyvale, California 94088–3409
Telephone 800-234-7381
DEFINITIONS
Data Sheet Identification
Product Status
Definition
Objective Specification
Preliminary Specification
Product Specification
Formative or in Design
Preproduction Product
Full Production
This data sheet contains the design target or goal specifications for product development. Specifications
may change in any manner without notice.
This data sheet contains Final Specifications. Philips Semiconductors reserves the right to make changes
at any time without notice, in order to improve design and supply the best possible product.
© Copyright Philips Electronics North America Corporation 1997
All rights reserved. Printed in U.S.A.
print code
Date of release: 05-96
Document order number:
9397-750-04526
Philips
Semiconductors


Số phần tương tự - 74LVC16240ADGG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74LVC16240ADGG NEXPERIA-74LVC16240ADGG Datasheet
210Kb / 12P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 5 - 25 April 2019
74LVC16240ADGG-Q100 NEXPERIA-74LVC16240ADGG-Q100 Datasheet
209Kb / 12P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
More results

Mô tả tương tự - 74LVC16240ADGG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
   16-bit inverting buffer/line driver 3-State
August 23, 1993
74ABT16240A NXP-74ABT16240A Datasheet
90Kb / 14P
   16-bit inverting buffer/line driver; 3-state
Rev. 04-25 March 2009
logo
Nexperia B.V. All right...
74ABT16240A NEXPERIA-74ABT16240A Datasheet
211Kb / 11P
   16-bit inverting buffer/line driver; 3-state
Rev. 7 - 7 July 2021
logo
NXP Semiconductors
74ALVT16240 PHILIPS-74ALVT16240 Datasheet
95Kb / 16P
   16-bit inverting buffer/driver; 3-state
Rev. 03-4 July 2005
74ABT16240A PHILIPS-74ABT16240A Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
logo
Fairchild Semiconductor
74ACTQ16240 FAIRCHILD-74ACTQ16240 Datasheet
71Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
74ACT16540 TI1-74ACT16540_10 Datasheet
112Kb / 6P
[Old version datasheet]   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Fairchild Semiconductor
74ACT16240 FAIRCHILD-74ACT16240_05 Datasheet
83Kb / 6P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACTQ16540 FAIRCHILD-74ACTQ16540 Datasheet
85Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16240 FAIRCHILD-74ACT16240 Datasheet
81Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com