công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BUK7L11-34ARC bảng dữ liệu(PDF) 8 Page - NXP Semiconductors |
|
BUK7L11-34ARC bảng dữ liệu(HTML) 8 Page - NXP Semiconductors |
8 / 14 page Philips Semiconductors BUK7L11-34ARC TrenchPLUS standard level FET Product data Rev. 03 — 3 December 2003 8 of 14 9397 750 12163 © Koninklijke Philips Electronics N.V. 2003. All rights reserved. ID = 1 mA; VDS =VGS Tj =25 °C; VDS =VGS Fig 9. Gate-source threshold voltage as a function of junction temperature. Fig 10. Sub-threshold drain current as a function of gate-source voltage. Tj =25 °C; VDS =25V VGS = 0 V; f = 1 MHz Fig 11. Forward transconductance as a function of drain current; typical values. Fig 12. Input, output and reverse transfer capacitances as a function of drain-source voltage; typical values. 03nh86 0 1 2 3 4 5 -60 0 60 120 180 Tj (°C) VGS(th) (V) max typ min 03nh87 10-6 10-5 10-4 10-3 10-2 10-1 0246 VGS (V) ID (A) min typ max 03nj44 0 10 20 30 40 0 2040 6080 ID (A) gfs (S) 03nj49 0 1000 2000 3000 4000 10-1 1 10 102 VDS (V) C (pF) Ciss Coss Crss |
Số phần tương tự - BUK7L11-34ARC |
|
Mô tả tương tự - BUK7L11-34ARC |