công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST72334N2B3 bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện ST72334N2B3
Giải thích chi tiết về linh kiện  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334N2B3 bảng dữ liệu(HTML) 6 Page - STMicroelectronics

Back Button ST72334N2B3 Datasheet HTML 2Page - STMicroelectronics ST72334N2B3 Datasheet HTML 3Page - STMicroelectronics ST72334N2B3 Datasheet HTML 4Page - STMicroelectronics ST72334N2B3 Datasheet HTML 5Page - STMicroelectronics ST72334N2B3 Datasheet HTML 6Page - STMicroelectronics ST72334N2B3 Datasheet HTML 7Page - STMicroelectronics ST72334N2B3 Datasheet HTML 8Page - STMicroelectronics ST72334N2B3 Datasheet HTML 9Page - STMicroelectronics ST72334N2B3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
6/125
2 GENERAL DESCRIPTION
2.1 INTRODUCTION
The ST72334J/N, ST72314J/N and ST72124J de-
vices are members of the ST7 microcontroller fam-
ily. They can be grouped as follows:
– ST72334J/N devices are designed for mid-range
applications with Data EEPROM, ADC, SPI and
SCI interface capabilities.
– ST72314J/N devices target the same range of
applications but without Data EEPROM.
– ST72124J devices are for applications that do
not need Data EEPROM and the ADC peripher-
al.
All devices are based on a common industry-
standard 8-bit core, featuring an enhanced instruc-
tion set.
The
ST72C334J/N,
ST72C314J/N
and
ST72C124J
versions
feature
single-voltage
FLASH memory with byte-by-byte In-Situ Pro-
gramming (ISP) capability.
Under software control, all devices can be placed
in WAIT, SLOW, ACTIVE-HALT or HALT mode,
reducing power consumption when the application
is in idle or standby state.
The enhanced instruction set and addressing
modes of the ST7 offer both power and flexibility to
software developers, enabling the design of highly
efficient and compact application code. In addition
to standard 8-bit data management, all ST7 micro-
controllers feature true bit manipulation, 8x8 un-
signed multiplication and indirect addressing
modes.
Figure 1. Device Block Diagram
8-BIT CORE
ALU
RESE T
PORT B
TIMER B
PORT C
SPI
PORT E
SCI
PORT F
TIMER A
WATCH DOG
Internal
CLOCK
CONTROL
RAM
(384 or 512 Bytes)
PORT D
8-BIT ADC
PORT A
VSSA
VDDA
Data-EEPROM
(256 Bytes)
AND LVD
PC7:0
VSS
VDD
POWER
SUPPLY
PROGRAM
(8 or 16K Bytes)
MEMORY
OSC1
OSC2
MULTI OSC
+
CLOCK FILTER
VPP/TEST
(8 bits)
PF7,6,4,2:0
(6 bits)
PE7:0
(6 bits for N versions)
(2 bits for J versions)
PD7:0
(8 bits for N versions)
(6 bits for J versions)
PA7:0
(8 bits for N versions)
(5 bits for J versions)
PB7:0
(8 bits for N versions)
(5 bits for J versions)
5


Số phần tương tự - ST72334N2B3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST72334N2TA/XXX STMICROELECTRONICS-ST72334N2TA/XXX Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST72334N2TB/XXX STMICROELECTRONICS-ST72334N2TB/XXX Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST72334N2TC/XXX STMICROELECTRONICS-ST72334N2TC/XXX Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
More results

Mô tả tương tự - ST72334N2B3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST72104G STMICROELECTRONICS-ST72104G Datasheet
1Mb / 140P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
ST72104G STMICROELECTRONICS-ST72104G Datasheet
909Kb / 135P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
February 2000 Rev. 2.2
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72104GX-AUTO STMICROELECTRONICS-ST72104GX-AUTO Datasheet
3Mb / 135P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
ST7FOXF1 STMICROELECTRONICS-ST7FOXF1 Datasheet
3Mb / 226P
   8-bit MCU with single voltage Flash memory, SPI, I짼C, ADC, timers
ST7LITEUSX STMICROELECTRONICS-ST7LITEUSX Datasheet
1Mb / 108P
   8-bit MCU with single voltage Flash memory, ADC, timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com