công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM393 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện LM393
Giải thích chi tiết về linh kiện  Low Offset Voltage Dual Comparators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM393 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  LM393 Datasheet HTML 1Page - ON Semiconductor LM393 Datasheet HTML 2Page - ON Semiconductor LM393 Datasheet HTML 3Page - ON Semiconductor LM393 Datasheet HTML 4Page - ON Semiconductor LM393 Datasheet HTML 5Page - ON Semiconductor LM393 Datasheet HTML 6Page - ON Semiconductor LM393 Datasheet HTML 7Page - ON Semiconductor LM393 Datasheet HTML 8Page - ON Semiconductor LM393 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LM393, LM293, LM2903, LM2903V, NCV2903
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 5.0 Vdc, Tlow ≤ TA ≤ Thigh, unless otherwise noted.)
LM293, LM393
LM2903, LM2903V,
NCV2903
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (Note 4)
VIO
mV
TA = 25°C
±1.0
±5.0
±2.0
±7.0
Tlow ≤ TA ≤ Thigh
9.0
9.0
15
Input Offset Current
IIO
nA
TA = 25°C
±5.0
±50
±5.0
±50
Tlow ≤ TA ≤ Thigh
±150
±50
±200
Input Bias Current (Note 5)
IIB
nA
TA = 25°C
25
250
25
250
Tlow ≤ TA ≤ Thigh
400
200
500
Input Common Mode Voltage Range (Note 5)
VICR
V
TA = 25°C
0
VCC −1.5
0
VCC −1.5
Tlow ≤ TA ≤ Thigh
0
VCC −2.0
0
VCC −2.0
Voltage Gain
AVOL
50
200
25
200
V/mV
RL ≥ 15 kW, VCC = 15 Vdc, TA = 25°C
Large Signal Response Time
300
300
ns
Vin = TTL Logic Swing, Vref = 1.4 Vdc
VRL = 5.0 Vdc, RL = 5.1 kW, TA = 25°C
Response Time (Note 7)
tTLH
1.3
1.5
ms
VRL = 5.0 Vdc, RL = 5.1 kW, TA = 25°C
Input Differential Voltage (Note 8)
VID
VCC
VCC
V
All Vin ≥ GND or V− Supply (if used)
Output Sink Current
ISink
6.0
16
6.0
16
mA
Vin ≥ 1.0 Vdc, Vin+ = 0 Vdc, VO ≤ 1.5 Vdc TA = 25°C
Output Saturation Voltage
VOL
mV
Vin ≥ 1.0 Vdc, Vin+ = 0, ISink ≤ 4.0 mA, TA = 25°C
150
400
400
Tlow ≤ TA ≤ Thigh
700
200
700
Output Leakage Current
IOL
nA
Vin− = 0 V, Vin+ ≥ 1.0 Vdc, VO = 5.0 Vdc, TA = 25°C
0.1
0.1
Vin− = 0 V, Vin+ ≥ 1.0 Vdc, VO = 30 Vdc,
Tlow ≤ TA ≤ Thigh
1000
1000
Supply Current
ICC
mA
RL = ∞ Both Comparators, TA = 25°C
0.4
1.0
0.4
1.0
RL = ∞ Both Comparators, VCC = 30 V
2.5
2.5
LM293 Tlow = −25°C, Thigh = +85°C
LM393 Tlow = 0°C, Thigh = +70°C
LM2903 Tlow = −40°C, Thigh = +105°C
LM2903V & NCV2903 Tlow = −40°C, Thigh = +125°C
NCV2903 is qualified for automotive use.
3. The maximum output current may be as high as 20 mA, independent of the magnitude of VCC, output short circuits to VCC can cause
excessive heating and eventual destruction.
4. At output switch point, VO]1.4 Vdc, RS = 0 W with VCC from 5.0 Vdc to 30 Vdc, and over the full input common mode range (0 V to
VCC = −1.5 V).
5. Due to the PNP transistor inputs, bias current will flow out of the inputs. This current is essentially constant, independent of the output state,
therefore, no loading changes will exist on the input lines.
6. Input common mode of either input should not be permitted to go more than 0.3 V negative of ground or minus supply. The upper limit of
common mode range is VCC −1.5 V.
7. Response time is specified with a 100 mV step and 5.0 mV of overdrive. With larger magnitudes of overdrive faster response times are
obtainable.
8. The comparator will exhibit proper output state if one of the inputs becomes greater than VCC, the other input must remain within the common
mode range. The low input state must not be less than −0.3 V of ground or minus supply.


Số phần tương tự - LM393

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
LM393 STMICROELECTRONICS-LM393 Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
February 2006 Rev. 6
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
TAITRON Components Inco...
LM393 TAITRON-LM393 Datasheet
303Kb / 11P
   Voltage Comparator
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
   DUAL DIFFERENTIAL COMPARATOR
logo
STMicroelectronics
LM393 STMICROELECTRONICS-LM393 Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
February 2006 Rev. 6
More results

Mô tả tương tự - LM393

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LM393S ONSEMI-LM393S Datasheet
83Kb / 6P
   Low Offset Voltage Dual Comparators
October, 2014 ??Rev. 0
LM393 ONSEMI-LM393_16 Datasheet
118Kb / 10P
   Low Offset Voltage Dual Comparators
October, 2016 ??Rev. 31
LM393 ONSEMI-LM393_V01 Datasheet
331Kb / 13P
   Low Offset Voltage Dual Comparators
August, 2021 - Rev. 33
logo
ADDtek Corp
AMC393 ADDTEK-AMC393 Datasheet
136Kb / 8P
   LOW OFFSET VOLTAGE DUAL COMPARATORS
JUNE 2006
logo
ON Semiconductor
LM393 ONSEMI-LM393_06 Datasheet
107Kb / 10P
   Low Offset Voltage Dual Comparators
March, 2006 ??Rev. 17
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com