công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7694BRMRL7 bảng dữ liệu(PDF) 6 Page - Analog Devices |
|
AD7694BRMRL7 bảng dữ liệu(HTML) 6 Page - Analog Devices |
6 / 16 page AD7694 Rev. 0 | Page 6 of 16 ABSOLUTE MAXIMUM RATINGS Table 6. Parameter Rating Analog Inputs IN+1, IN−1 GND − 0.3 V to VDD + 0.3 V or ±130 mA REF GND − 0.3 V to VDD + 0.3 V Supply Voltages VDD to GND −0.3 V to +7 V Digital Inputs to GND −0.3 V to VDD + 0.3 V Digital Outputs to GND −0.3 V to VDD + 0.3 V Storage Temperature Range −65°C to +150°C Junction Temperature 150°C θJA Thermal Impedance 200°C/W (MSOP-8) θJC Thermal Impedance 44°C/W (MSOP-8) Lead Temperature Range Vapor Phase (60 sec) 215°C Infrared (15 sec) 220°C 1 See the Analog Input section. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. 500 µAI OL 500 µAI OH 1.4V TO SDO CL 50pF Figure 2. Load Circuit for Digital Interface Timing VIL VIH VOH VOL VOL VOH tDELAY tDELAY Figure 3. Voltage Reference Levels for Timing |
Số phần tương tự - AD7694BRMRL7 |
|
Mô tả tương tự - AD7694BRMRL7 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |