công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74LV174PWDH bảng dữ liệu(PDF) 8 Page - NXP Semiconductors |
|
74LV174PWDH bảng dữ liệu(HTML) 8 Page - NXP Semiconductors |
8 / 14 page Philips Semiconductors Product specification 74LV174 Hex D-type flip-flop with reset; positive edge-trigger 1998 May 20 8 AC WAVEFORMS (Continued) VM = 1.5V at VCC w 2.7V v 3.6V VM = 0.5V * VCC at VCC t 2.7V and w 4.5V VOL and VOH are the typical output voltage drop that occur with the output load. t su t su CP INPUT Dn INPUT Qn OUTPUT VM th VM VM th Vl GND Vl GND VOH VOL SV00353 Figure 3. Data set-up and hold times for the data input (Dn). NOTE: The shaded areas indicate when the input is permitted to change for predictable output performance. TEST CIRCUIT PULSE GENERATOR RT Vl D.U.T. VO CL RL= 1k Vcc Test Circuit for Outputs DEFINITIONS VCC VI < 2.7V 2.7–3.6V VCC 2.7V TEST tPLH/tPHL ≥ 4.5 V VCC RL = Load resistor CL = Load capacitance includes jig and probe capacitiance 50pF RT = Termination resistance should be equal to ZOUT of pulse generators. SV00902 Figure 4. Load circuitry for switching times |
Số phần tương tự - 74LV174PWDH |
|
Mô tả tương tự - 74LV174PWDH |