công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LV03 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện 74LV03
Giải thích chi tiết về linh kiện  Quad 2-input NAND gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV03 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  74LV03 Datasheet HTML 1Page - NXP Semiconductors 74LV03 Datasheet HTML 2Page - NXP Semiconductors 74LV03 Datasheet HTML 3Page - NXP Semiconductors 74LV03 Datasheet HTML 4Page - NXP Semiconductors 74LV03 Datasheet HTML 5Page - NXP Semiconductors 74LV03 Datasheet HTML 6Page - NXP Semiconductors 74LV03 Datasheet HTML 7Page - NXP Semiconductors 74LV03 Datasheet HTML 8Page - NXP Semiconductors 74LV03 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LV03
Quad 2-input NAND gate
2
1998 Apr 20
853–1963 19257
FEATURES
Wide operating voltage: 1.0 to 5.5V
Optimized for Low Voltage applications: 1.0 to 3.6V
Accepts TTL input levels between V
CC = 2.7V and VCC = 3.6V
Typical V
OLP (output ground bounce) t 0.8V @ VCC = 3.3V,
Tamb = 25°C
Typical V
OHV (output VOH undershoot) u 2V @ VCC = 3.3V,
Tamb = 25°C
Level shifter capability
Output capability: standard (open drain)
I
CC category: SSI
DESCRIPTION
The 74LV03 is a low–voltage Si–gate CMOS device and is pin and
function compatible with 74HC/HCT03.
The 74LV03 provides the 2–input NAND function.
The 74LV03 has open–drain N–transistor outputs, which are not
clamped by a diode connected to VCC. In the OFF–state, i.e. when
one input is LOW, the output may be pulled to any voltage between
GND and VOmax. This allows the device to be used as a
LOW–to–HIGH or HIGH–to–LOW level shifter. For digital operation
and OR–tied output applications, these devices must have a pull–up
resistor to establish a logic HIGH level.
QUICK REFERENCE DATA
GND = 0V; Tamb = 25°C; tr =tf v2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPZL/tPLZ
Propagation delay
nA, nB to nY
CL = 15pF
VCC = 3.3V
8
ns
CI
Input capacitance
3.5
pF
CPD
Power dissipation capacitance per gate
Notes 1, 2
4
pF
NOTES:
1CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD
VCC2 x fi )S (CL
VCC2
fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
S (CL
VCC2
fo) = sum of the outputs.
2
The condition is VI = GND to VCC
3
The given value of CPD is obtained with : CL = 0 pF and RL = ∞
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
14-Pin Plastic DIL
–40
°C to +125°C
74LV03 N
74LV03 N
SOT27-1
14-Pin Plastic SO
–40
°C to +125°C
74LV03 D
74LV03 D
SOT108-1
14-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV03 DB
74LV03 DB
SOT337-1
14-Pin Plastic TSSOP Type I
–40
°C to +125°C
74LV03 PW
74LV03PW DH
SOT402-1
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1, 4, 9, 12
1A to 4A
Data inputs
2, 5, 10, 13
1B to 4B
Data inputs
3, 6, 8, 11
1Y to 4Y
Data outputs
7
GND
Ground (0V)
14
VCC
Positive supply voltage
FUNCTION TABLE
INPUTS
OUTPUT
nA
nB
nY
L
L
Z
L
H
Z
H
L
Z
H
H
L
NOTES:
H = HIGH voltage level
L = LOW voltage level
Z = High impedance OFF-state


Số phần tương tự - 74LV03

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74LV03 NEXPERIA-74LV03 Datasheet
173Kb / 12P
   Quad 2-input NAND gate
Rev. 4 - 31 August 2017
74LV03D NEXPERIA-74LV03D Datasheet
173Kb / 12P
   Quad 2-input NAND gate
Rev. 4 - 31 August 2017
More results

Mô tả tương tự - 74LV03

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com