công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD1005-Z30 bảng dữ liệu(PDF) 1 Page - Bourns Electronic Solutions |
|
CD1005-Z30 bảng dữ liệu(HTML) 1 Page - Bourns Electronic Solutions |
1 / 6 page CD0603/1005-Z Surface Mount Zener Diode Series *RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Features ■ Lead free as standard ■ RoHS compliant* ■ Zener voltages 2.0 V to 39 V ■ Fits SOD323 and SOD523 Applications ■ DC-DC converters ■ Portable electronics ■ Industrial controllers ■ Desktop PCs and notebooks General Information The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. Bourns offers Zener Diodes for voltage reference applications, in compact chip package 0603 and 1005 size format, which offer PCB real estate savings and are considerably smaller than most competitive parts. The Zener Diodes have a zener voltage range between 2.0 V and 39 V. Bourns® Chip Diodes conform to JEDEC standards, are easy to handle on standard pick and place equipment and their flat configuration minimizes roll away. Parameter Symbol CD1005-Z CD0603-Z Unit Power Dissipation @ T=75 °CPD 200 150 mW Peak Forward Surge Current 8.3 ms Single Half Sine-wave Superimposed on IFSM 2.0 2.0 A Rated Load (JEDEC Method) Operating and Storage Temperature Range TJ -55 to +125 -55 to +125 °C Electrical and Thermal Characteristics (@ TA = 25 °C Unless Otherwise Noted) How To Order CD 0603 - Z 2V2 Common Code Chip Diode Package • 0603 • 1005 Model Z = Zener Diode Nominal Zener Voltage 2V2 = 2.2 Volts 39 = 39 Volts Notes: 1. Pulse test width PW=300 µsec, 1 % duty cycle. 2. Mounted on P.C. board with 0.2 x 0.2 “ (5.0 x 5.0 mm) copper pad areas. Reliable Electronic Solutions Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700 www.bourns.com |
Số phần tương tự - CD1005-Z30 |
|
Mô tả tương tự - CD1005-Z30 |