công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXRS150 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADXRS150
Giải thích chi tiết về linh kiện  짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXRS150 bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADXRS150 Datasheet HTML 1Page - Analog Devices ADXRS150 Datasheet HTML 2Page - Analog Devices ADXRS150 Datasheet HTML 3Page - Analog Devices ADXRS150 Datasheet HTML 4Page - Analog Devices ADXRS150 Datasheet HTML 5Page - Analog Devices ADXRS150 Datasheet HTML 6Page - Analog Devices ADXRS150 Datasheet HTML 7Page - Analog Devices ADXRS150 Datasheet HTML 8Page - Analog Devices ADXRS150 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADXRS150
ADXRS150—SPECIFICATIONS
Table 1. @TA = 25°C, VS = 5 V, Bandwidth = 80 Hz (COUT = 0.01 µF), Angular Rate = 0°/s, Unless Otherwise Noted.
ADXRS150ABG
Parameter
Conditions
Min1
Typ
Max1
Unit
SENSITIVITY
Clockwise Rotation Is Positive Output
Dynamic Range2
Full-Scale Range over Specifications Range
±150
°/s
Initial
@25°C
11.25
12.5
13.75
mV/°/s
Over Temperature3
VCC = 4.75 V to 5.25 V
11.25
13.75
mV/°/s
Nonlinearity
Best Fit Straight Line
0.1
% of FS
Voltage Sensitivity
VCC = 4.75 V to 5.25 V
0.7
%/V
NULL
Initial Null
2.50
V
Null Drift over Temperature3
Delta from 25°C
±300
mV
Turn-On Time
Power on to ±½°/s of Final
35
ms
Linear Acceleration Effect
Any Axis
0.2
°/s/g
Voltage Sensitivity
VCC = 4.75 V to 5.25 V
1
°/s/V
NOISE PERFORMANCE
Rate Noise Density
@25°C
0.05
°/s/√Hz
FREQUENCY RESPONSE
3 db Bandwidth4 (User Selectable)
22 nF as Comp Cap (See Applications section)
40
Hz
Sensor Resonant Frequency
14
kHz
SELF TEST
ST1 RATEOUT Response5
ST1 Pin from Logic “0” to “1,” –40°C to +85°C
–400
–660
–1000
mV
ST2 RATEOUT Response5
ST2 Pin from Logic “0” to “1,” –40°C to +85°C
+400
+660
+1000
mV
Logic “1” Input Voltage
Standard High Logic Level Definition
3.3
V
Logic “0” Input Voltage
Standard Low Logic Level Definition
1.7
V
Input Impedance
To Common
50
kΩ
TEMPERATURE SENSOR
VOUT at 298°K
2.50
V
Max Current Load on Pin
Source to Common
50
µA
Scale Factor
Proportional to Absolute Temperature
8.4
mV/°K
OUTPUT DRIVE CAPABILITY
Output Voltage Swing
IOUT = ±100 µA
0.25
VS – 0.25
V
Capacitive Load Drive
1000
pF
2.5 V REFERENCE
Voltage Value
2.45
2.5
2.55
V
Load Drive to Ground
Source
200
µA
Load Regulation
0 < IOUT < 200 µA
5.0
mV/mA
Power Supply Rejection
4.75 VS to 5.25 VS
1.0
mV/V
Temperature Drift3
Delta from 25°C
5.0
mV
POWER SUPPLY
Operating Voltage Range
4.75
5.00
5.25
V
Quiescent Supply Current
6.0
8.0
mA
TEMPERATURE RANGE
Specified Performance Grade A
–40
+85
°C
1 All min and max specifications are guaranteed. Typical specifications are not tested or guaranteed.
2 Dynamic range is the maximum full-scale measurement range possible, including output swing range, initial offset, sensitivity, offset drift, and sensitivity drift at
5 V supplies.
3 Specification refers to the maximum extent of this parameter as a worst-case value at TMIN or TMAX.
4 Frequency at which response is 3 dB down from dc response with specified compensation capacitor value. Internal pole forming resistor is 180 k
Ω. See Setting Band-
width section.
5 Self-test response varies with temperature. Refer to the Self-Test Function section for details.
Rev. A | Page 3 of 12


Số phần tương tự - ADXRS150

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXRS150EB AD-ADXRS150EB Datasheet
81Kb / 1P
   150/s Single Chip Rate Gyro Evaluation Board
REV. 0
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
   150/s Single Chip Yaw Rate Gyro with Signal Conditioning
More results

Mô tả tương tự - ADXRS150

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXRS401 AD-ADXRS401_15 Datasheet
410Kb / 12P
   75/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
   150/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS300 AD-ADXRS300 Datasheet
399Kb / 8P
   짹300째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS401 AD-ADXRS401 Datasheet
311Kb / 12P
   -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. 0
AD22304 AD-AD22304 Datasheet
530Kb / 12P
   짹80째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Rev. 0-Preliminary
ADXRS300 AD-ADXRS300_15 Datasheet
194Kb / 8P
   300/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS614 AD-ADXRS614 Datasheet
746Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS624BBGZ AD-ADXRS624BBGZ Datasheet
547Kb / 12P
   50,-50/s Yaw Rate Gyro
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com