công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXRS150 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện ADXRS150
Giải thích chi tiết về linh kiện  짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXRS150 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button ADXRS150 Datasheet HTML 4Page - Analog Devices ADXRS150 Datasheet HTML 5Page - Analog Devices ADXRS150 Datasheet HTML 6Page - Analog Devices ADXRS150 Datasheet HTML 7Page - Analog Devices ADXRS150 Datasheet HTML 8Page - Analog Devices ADXRS150 Datasheet HTML 9Page - Analog Devices ADXRS150 Datasheet HTML 10Page - Analog Devices ADXRS150 Datasheet HTML 11Page - Analog Devices ADXRS150 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADXRS150
THEORY OF OPERATION
The ADXRS150 operates on the principle of a resonator gyro.
Two polysilicon sensing structures each contain a dither frame,
which is electrostatically driven to resonance. This produces the
necessary velocity element to produce a Coriolis force during
angular rate. At two of the outer extremes of each frame,
orthogonal to the dither motion, are movable fingers that are
placed between fixed pickoff fingers to form a capacitive pickoff
structure that senses Coriolis motion. The resulting signal is fed
to a series of gain and demodulation stages that produce the
electrical rate signal output. The dual-sensor design rejects
external g-forces and vibration. Fabricating the sensor with the
signal conditioning electronics preserves signal integrity in
noisy environments.
The electrostatic resonator requires 14 V to 16 V for operation.
Since only 5 V is typically available in most applications, a
charge pump is included on-chip. If an external 14 V to 16 V
supply is available, the two capacitors on CP1–CP4 can be omit-
ted and this supply can be connected to CP5 (Pin 7D) with a
100 nF decoupling capacitor in place of the 47 nF.
After the demodulation stage there is a single-pole low-pass
filter consisting of an internal 9 kΩ resistor (RSEN1) and an
external user-supplied capacitor (CMID). A CMID capacitor of
100 nF sets a 400 Hz ±35% low-pass pole and is used to limit
high frequency artifacts before final amplification. Bandwidth
limit capacitor, COUT, sets the pass bandwidth (see Figure 22 and
the Setting Bandwidth section).
AGND
TEMP
ST2
ST1
CP1
CP2
RATEOUT
CP4
PDD
CMID
SUMJ
2.5V
6A
5A
4A
3A
2A
1B
1C
1D
1E
1F
7B
7C
7D
7E
7F
6G
5G
4G
3G
2G
CP5
CP3
100nF
COUT = 22nF
22nF
AVCC
100nF
100nF
PGND
22nF
47nF
5V
NOTE THAT INNER ROWS/COLUMNS OF PINS HAVE BEEN OMITTED
FOR CLARITY BUT SHOULD BE CONNECTED IN THE APPLICATION.
Figure 21. Example Application Circuit (Top View)
Supply and Common Considerations
Only power supplies used for supplying analog circuits are rec-
ommended for powering the ADXRS150. High frequency noise
and transients associated with digital circuit supplies may have
adverse effects on device operation.
Figure 21 shows the recommended connections for the
ADXRS150 where both AVCC and PDD have a separate
decoupling capacitor. These should be placed as close to their
respective pins as possible before routing to the system analog
supply. This will minimize the noise injected by the charge
pump that uses the PDD supply.
It is also recommended to place the charge pump capacitors
connected to the CP1–CP4 pins as close to the part as possible.
These capacitors are used to produce the on-chip high voltage
supply switched at the dither frequency at approximately
14 kHz. Care should be taken to ensure that there is no more
than 50 pF of stray capacitance between CP1–CP4 and ground.
Surface-mount chip capacitors are suitable as long as they are
rated for over 15 V.
5V
+
-
SELF
TEST
AVCC
ST1
ST2
3A
5G
4G
ADXRS150
CP2
CP1
PDD
4A 5A
7E 6G
CHARGE
PUMP/REG.
12V
PTAT
7F
6A 7B 7C
7D
47nF
CP4 CP3 CP5
RATE
SENSOR
2G 1F
1D
CORIOLIS
SIGNAL CHANNEL
AGND
CMID
1C
SUMJ
RATE-
OUT
2.5V
1B
2A
1E
3G TEMP
ROUT
180k
Ω 1%
RESONATOR LOOP
DEMOD
π
2.5V REF
≈9kΩ±35%
100nF
22nF
PGND
100nF
100nF
COUT
RSEN1 RSEN2
22nF
Figure 22. Block Diagram with External Components
Setting Bandwidth
External capacitors CMID and COUT are used in combination
with on-chip resistors to create two low-pass filters to limit the
bandwidth of the ADXRS150’s rate response. The –3 dB
frequency set by ROUT and COUT is:
(
)
OUT
OUT
OUT
C
R
π
/
f
×
×
×
=
2
1
and can be well controlled since ROUT has been trimmed during
manufacturing to be 180 kΩ ±1%. Any external resistor applied
between the RATEOUT (1B, 2A) and SUMJ (1C, 2C) pins will
result in:
(
)(
)
EXT
EXT
OUT
R
kΩ
/
R
kΩ
R
+
×
=
180
180
The –3 dB frequency is set by RSEN (the parallel combination
Rev. A | Page 8 of 12


Số phần tương tự - ADXRS150

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXRS150EB AD-ADXRS150EB Datasheet
81Kb / 1P
   150/s Single Chip Rate Gyro Evaluation Board
REV. 0
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
   150/s Single Chip Yaw Rate Gyro with Signal Conditioning
More results

Mô tả tương tự - ADXRS150

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXRS401 AD-ADXRS401_15 Datasheet
410Kb / 12P
   75/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
   150/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS300 AD-ADXRS300 Datasheet
399Kb / 8P
   짹300째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS401 AD-ADXRS401 Datasheet
311Kb / 12P
   -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. 0
AD22304 AD-AD22304 Datasheet
530Kb / 12P
   짹80째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Rev. 0-Preliminary
ADXRS300 AD-ADXRS300_15 Datasheet
194Kb / 8P
   300/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS614 AD-ADXRS614 Datasheet
746Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS624BBGZ AD-ADXRS624BBGZ Datasheet
547Kb / 12P
   50,-50/s Yaw Rate Gyro
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com