công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMB75 bảng dữ liệu(PDF) 3 Page - Lite-On Technology Corporation

tên linh kiện SMB75
Giải thích chi tiết về linh kiện  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITEON [Lite-On Technology Corporation]
Trang chủ  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

SMB75 bảng dữ liệu(HTML) 3 Page - Lite-On Technology Corporation

  SMB75 Datasheet HTML 1Page - Lite-On Technology Corporation SMB75 Datasheet HTML 2Page - Lite-On Technology Corporation SMB75 Datasheet HTML 3Page - Lite-On Technology Corporation SMB75 Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Breakdowm voltage
VBR Volts
Working
PeakReverse
Voltage
Maximum
Reverse
Leakage at
VRWM
Maximum
Reverse Surge
Current
Maximum
Reverse Voltage
at IRSM
(Clamping
Voltage)
(UNI)
(BI)
Min.
Max.
@IT( mA)
VRWM(Volts)
IR (uA)
IRSM(Amps)
VRSM(Volts)
SMB6.8
SMB6.8C
KDK
KDM
6.12
7.48
10.0
5.50
1000
55.6
10.8
SMB6.8A
SMB6.8CA
KEK
KEM
6.45
7.14
10.0
5.80
1000
57.1
10.5
SMB7.5
SMB7.5C
KFK
KFM
6.75
8.25
10.0
6.05
500
51.3
11.7
SMB7.5A
SMB7.5CA
KGK KGM
7.13
7.88
10.0
6.40
500
53.1
11.3
SMB8.2
SMB8.2C
KHK KHM
7.38
9.02
10.0
6.63
200
48.0
12.5
SMB8.2A
SMB8.2CA
KKK KKM
7.79
8.61
10.0
7.02
200
49.6
12.1
SMB9.1
SMB9.1C
KLK
KLM
8.19
10.0
10.0
7.37
50.0
44.0
13.8
SMB9.1A
SMB9.1CA
KMK KMM
8.65
9.55
10.0
7.78
50.0
44.8
13.4
SMB10
SMB10C
KNK
KNM
9.00
11.0
1.0
8.10
20.0
40.0
15.0
SMB10A
SMB10CA
KPK
KPM
9.50
10.5
1.0
8.55
20.0
41.4
14.5
SMB11
SMB11C
KQK KQM
9.90
12.1
1.0
8.92
5.0
37.0
16.2
SMB11A
SMB11CA
KRK
KRM
10.5
11.6
1.0
9.40
5.0
38.5
15.6
SMB12
SMB12C
KSK
KSM
10.8
13.2
1.0
9.72
5.0
34.7
17.3
SMB12A
SMB12CA
KTK
KTM
11.4
12.6
1.0
10.2
5.0
35.9
16.7
SMB13
SMB13C
KUK
KUM
11.7
14.3
1.0
10.5
5.0
31.6
19.0
SMB13A
SMB13CA
KVK
KVM
12.4
13.7
1.0
11.1
5.0
33.0
18.2
SMB15
SMB15C
KWK KWM
13.5
16.3
1.0
12.1
5.0
27.3
22.0
SMB15A
SMB15CA
KXK
KXM
14.3
15.8
1.0
12.8
5.0
28.3
21.2
SMB16
SMB16C
KYK
KYM
14.4
17.6
1.0
12.9
5.0
25.5
23.5
SMB16A
SMB16CA
KZK
KZM
15.2
16.8
1.0
13.6
5.0
26.7
22.5
SMB18
SMB18C
LDK
LDM
16.2
19.8
1.0
14.5
5.0
22.6
26.5
SMB18A
SMB18CA
LEK
LEM
17.1
18.9
1.0
15.3
5.0
23.5
25.5
SMB20
SMB20C
LFK
LFM
18.0
22.0
1.0
16.2
5.0
20.6
29.1
SMB20A
SMB20CA
LGK
LGM
19.0
21.0
1.0
17.1
5.0
21.7
27.7
SMB22
SMB22C
LHK
LHM
19.8
24.2
1.0
17.8
5.0
18.8
31.9
SMB22A
SMB22CA
LKK
LKM
20.9
23.1
1.0
18.8
5.0
19.6
30.6
SMB24
SMB24C
LLK
LLM
21.6
26.4
1.0
19.4
5.0
17.3
34.7
SMB24A
SMB24CA
LMK LMM
22.8
25.2
1.0
20.5
5.0
18.1
33.2
SMB27
SMB27C
LNK
LNM
24.3
29.7
1.0
21.8
5.0
15.3
39.1
SMB27A
SMB27CA
LPK
LPM
25.7
28.4
1.0
23.1
5.0
16.0
37.5
SMB30
SMB30C
LQK
LQM
27.0
33.0
1.0
24.3
5.0
13.8
43.5
SMB30A
SMB30CA
LRK
LRM
28.5
31.5
1.0
25.6
5.0
14.4
41.4
SMB33
SMB33C
LSK
LSM
29.7
36.3
1.0
26.8
5.0
12.6
47.7
SMB33A
SMB33CA
LTK
LTM
31.4
34.7
1.0
28.2
5.0
13.2
45.7
SMB36
SMB36C
LUK
LUM
32.4
39.6
1.0
29.1
5.0
11.6
52.0
SMB36A
SMB36CA
LVK
LVM
34.2
37.8
1.0
30.8
5.0
12.0
49.9
SMB39
SMB39C
LWK LWM
35.1
42.9
1.0
31.6
5.0
10.6
56.4
SMB39A
SMB39CA
LXK
LXM
37.1
41.0
1.0
33.3
5.0
11.2
53.9
SMB43
SMB43C
LYK
LYM
38.7
47.3
1.0
34.8
5.0
9.6
61.9
SMB43A
SMB43CA
LZK
LZM
40.9
45.2
1.0
36.8
5.0
10.1
59.3
Device
Uni-
directional
Device
Bi-
directional
Device
Marking code
POWER
SEMICONDUCTOR
LITE ON


Số phần tương tự - SMB75

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MIC GROUP RECTIFIERS
SMB75 MIC-SMB75 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
SMB75 UNSEMI-SMB75 Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
MIC GROUP RECTIFIERS
SMB75A MIC-SMB75A Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Mô tả tương tự - SMB75

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
HY ELECTRONIC CORP.
SMBJ10 HY-SMBJ10_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ_V01 Datasheet
506Kb / 4P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Lite-On Technology Corp...
SMC10 LITEON-SMC10 Datasheet
50Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
LT4ME5.0A DIODES-LT4ME5.0A Datasheet
610Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Nov-2021 REV. 11
logo
HY ELECTRONIC CORP.
SMBJ10C HY-SMBJ10C_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMF5-0 HY-SMF5-0_17 Datasheet
147Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ HY-SMCJ Datasheet
115Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ10 HY-SMAJ10_17 Datasheet
146Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ10C HY-SMCJ10C_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ Datasheet
121Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com