công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ABT8646DWRE4 bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
SN74ABT8646DWRE4 bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 32 page SN54ABT8646, SN74ABT8646 SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS SCBS123F − AUGUST 1992 − REVISED APRIL 2004 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions TERMINAL NAME DESCRIPTION A1−A8 Normal-function A-bus I/O ports. See function table for normal-mode logic. B1−B8 Normal-function B-bus I/O ports. See function table for normal-mode logic. CLKAB, CLKBA Normal-function clock inputs. See function table for normal-mode logic. DIR Normal-function direction-control input. See function table for normal-mode logic. GND Ground OE Normal-function output-enable input. See function table for normal-mode logic. SAB, SBA Normal-function select inputs. See function table for normal-mode logic. TCK Test clock. One of four terminals required by IEEE Standard 1149.1-1990. Test operations of the device are synchronous to TCK. Data is captured on the rising edge of TCK, and outputs change on the falling edge of TCK. TDI Test data input. One of four terminals required by IEEE Standard 1149.1-1990. TDI is the serial input for shifting data through the instruction register or selected data register. An internal pullup forces TDI to a high level if left unconnected. TDO Test data output. One of four terminals required by IEEE Standard 1149.1-1990. TDO is the serial output for shifting data through the instruction register or selected data register. TMS Test mode select. One of four terminals required by IEEE Standard 1149.1-1990. TMS input directs the device through its TAP controller states. An internal pullup forces TMS to a high level if left unconnected. VCC Supply voltage |
Số phần tương tự - SN74ABT8646DWRE4 |
|
Mô tả tương tự - SN74ABT8646DWRE4 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |