công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74HCT4075D bảng dữ liệu(PDF) 5 Page - NXP Semiconductors |
|
74HCT4075D bảng dữ liệu(HTML) 5 Page - NXP Semiconductors |
5 / 5 page December 1990 5 Philips Semiconductors Product specification Triple 3-input OR gate 74HC/HCT4075 DC CHARACTERISTICS FOR 74HCT For the DC characteristics see “74HC/HCT/HCU/HCMOS Logic Family Specifications”. Output capability: standard ICC category: SSI Note to HCT types The value of additional quiescent supply current ( ∆ICC) for a unit load of 1 is given in the family specifications. To determine ∆ICC per input, multiply this value by the unit load coefficient shown in the table below. AC CHARACTERISTICS FOR 74HCT GND = 0 V; tr = tf = 6 ns; CL = 50 pF AC WAVEFORMS PACKAGE OUTLINES See “74HC/HCT/HCU/HCMOS Logic Package Outlines”. INPUT UNIT LOAD COEFFICIENT nA, nB, nC 1.50 SYMBOL PARAMETER Tamb (°C) UNIT TEST CONDITIONS 74HCT VCC (V) WAVEFORMS +25 −40 to +85 −40 to +125 min. typ. max. min. max. min. max. tPHL/ tPLH propagation delay nA, nB, nC to nY 12 24 30 36 ns 4.5 Fig.6 tTHL/ tTLH output transition time 7 15 19 22 ns 4.5 Fig.6 Fig.6 Waveforms showing the input (nA, nB, nC) to output (nY) propagation delays and the output transition times. (1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V. |
Số phần tương tự - 74HCT4075D |
|
Mô tả tương tự - 74HCT4075D |