công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FIN224ACGFX bảng dữ liệu(PDF) 8 Page - Fairchild Semiconductor |
|
FIN224ACGFX bảng dữ liệu(HTML) 8 Page - Fairchild Semiconductor |
8 / 23 page ©2006 Fairchild Semiconductor Corporation 8 www.fairchildsemi.com FIN224AC Rev. 1.0.7 Deserializer Operation Mode The operation of the deserializer is only dependent upon the data received on the DSI data signal pair and the CKSI clock signal pair. The following two sections describe the operation of the deserializer under two distinct serializer source conditions. References to the CKREF and STROBE signals refer to the signals associated with the serializer device used in generating the serial data and clock signals that are inputs to the deserializer. When operating in this mode, the internal serializer circuitry is disabled, including the parallel data input buffers. If there is a CKREF signal provided, the CKSO serial clock continues to transmit bit clocks. Upon device power-up (S1 or S2 = 1), all deserializer output data pins are driven LOW until valid data is passed through the deserializer. When the DIRI signal is asserted LOW, the device is configured as a deserial- izer. Data is captured on the serial port and deserialized through use of the bit clock sent with the data. The word boundary is defined in the actual clock and data signal. Parallel data is generated at the time the word boundary is defined in the actual clock and data signal. Parallel data is generated at the time the word boundary is detected. The falling edge of CKP occurs approximately six bit times after the falling edge of CKSI. The rising edge of CKP goes HIGH approxi- mately 13 bit times after CKP goes LOW. The rising edge of CKP is generated approximately 13 bit times later. When no embedded word boundary occurs, no pulse on CKP is generated and CKP remains HIGH. Figure 9. Deserializer Timing Diagram (Serializer Source: CKREF equals STROBE) The logical operation of the deserializer remains the same if the CKREF is equal in frequency to the STROBE or at a higher frequency than the STROBE. The actual serial data stream presented to the deserializer is different because it has non-valid data bits sent between words. The duty cycle of CKP varies based on the ratio of the frequency of the CKREF signal to the STROBE signal. The fre- quency of the CKP signal is equal to the STROBE frequency. The falling edge of CKP occurs six bit times after the data transition. The LOW time of the CKP sig- nal is equal to 13 serial bit times. In modes 1 and 2, the CKP LOW time equals half of the CKREF period of the serializer. In mode 3, the CKP LOW is equal to the CKREF period. The CKP HIGH time is approximately equal to the STROBE period, minus the CKP LOW time. Figure 10 is representative of a waveform that could be seen when CKREF is not equal to STROBE. If CKREF was significantly faster, additional non-valid data bits would occur between data words. Figure 10. Deserializer Timing Diagram (Serializer Source: CKREF does not equal STROBE) WORD n-1 WORD n+1 WORD n b24 bj bj+1 bj+13 bj+14 b25 b26 b24 6 bit times 13 bit times b25 b26 00 00 WORD n-2 DP[1:24] CKPO CKSI DSI WORD n WORD n-1 WORD n-1 WORD n+1 WORD n b24 b25 b26 b1 b1 b2 b6 b7 b8 b9 b24 b19 b20 b25 b26 WORD n-2 DP[1:24] CKPO CKSI DSI WORD n WORD n-1 Deserializer Operation: DIRI = 0 (Serializer Source: CKREF = STROBE) Deserializer Operation: DIRI = 0 (Serializer Source: CKREF does not = STROBE) |
Số phần tương tự - FIN224ACGFX |
|
Mô tả tương tự - FIN224ACGFX |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |