công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7994BRUZ-0REEL bảng dữ liệu(PDF) 9 Page - Analog Devices |
|
AD7994BRUZ-0REEL bảng dữ liệu(HTML) 9 Page - Analog Devices |
9 / 32 page AD7993/AD7994 Rev. 0 | Page 9 of 32 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 4. Parameter Rating VDD to GND −0.3 V to 7 V Analog Input Voltage to GND −0.3 V to VDD + 0.3 V Reference Input Voltage to GND −0.3 V to VDD + 0.3 V Digital Input Voltage to GND −0.3 V to +7 V Digital Output Voltage to GND −0.3 V to VDD + 0.3 V Input Current to Any Pin Except Supplies1 ±10 mA Operating Temperature Range Commercial (B Version) −40°C to +125°C Storage Temperature Range −65°C to +150° Junction Temperature 150°C 20-Lead TSSOP θJA Thermal Impedance 150.4°C/W θJC Thermal Impedance 27.6°C/W Pb/SN Temperature, Soldering Reflow (10 s to 30 s) 240(+0/-5)°C Pb-Free Temperature, Soldering Reflow 260(+0)°C ESD 1.5 kV 1 Transient currents of up to 100 mA do not cause SCR latch-up. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Số phần tương tự - AD7994BRUZ-0REEL |
|
Mô tả tương tự - AD7994BRUZ-0REEL |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |