công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS4962IJT bảng dữ liệu(PDF) 2 Page - STMicroelectronics

tên linh kiện TS4962IJT
Giải thích chi tiết về linh kiện  3W Filter-free Class D Audio Power Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962IJT bảng dữ liệu(HTML) 2 Page - STMicroelectronics

  TS4962IJT Datasheet HTML 1Page - STMicroelectronics TS4962IJT Datasheet HTML 2Page - STMicroelectronics TS4962IJT Datasheet HTML 3Page - STMicroelectronics TS4962IJT Datasheet HTML 4Page - STMicroelectronics TS4962IJT Datasheet HTML 5Page - STMicroelectronics TS4962IJT Datasheet HTML 6Page - STMicroelectronics TS4962IJT Datasheet HTML 7Page - STMicroelectronics TS4962IJT Datasheet HTML 8Page - STMicroelectronics TS4962IJT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TS4962
Absolute Maximum Ratings
2/22
1 Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage 1
1)
All voltages values are measured with respect to the ground pin.
6V
Vi
Input Voltage 2
2)
The magnitude of input signal must never exceed VCC + 0.3V / GND - 0.3V
GND to VCC
V
Toper
Operating Free Air Temperature Range
-40 to + 85
°C
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthja
Thermal Resistance Junction to Ambient 3
3)
Device is protected in case of over temperature by a thermal shutdown active @ 150°C.
200
°C/W
Pd
Power Dissipation
Internally Limited4
4)
Exceeding the power derating curves during a long period, involves abnormal operating condition.
ESD
Human Body Model
2
kV
ESD
Machine Model
200
V
Latch-up Latch-up Immunity
200
mA
VSTB
Standby pin voltage maximum voltage 5
5)
The magnitude of standby signal must never exceed VCC + 0.3V / GND - 0.3V
GND to VCC
V
Lead Temperature (soldering, 10sec)
260
°C
Table 2.
Operating Conditions
Symbol
Parameter
Value
Unit
VCC
Supply Voltage1
1)
For VCC from 2.4V to 2.5V, the operating temperature range is reduced to 0°C≤ Tamb ≤70°C
2.4 to 5.5
V
VIC
Common Mode Input Voltage Range2
2)
For VCC from 2.4V to 2.5V, the common mode input range must be set at VCC/2.
0.5 to VCC-0.8
V
VSTB
Standby Voltage Input : 3
Device ON
Device OFF
3)
Without any signal on VSTB, the device will be in standby
1.4
≤ VSTB ≤ VCC
GND ≤ VSTB ≤ 0.4
4
4)
Minimum current consumption shall be obtained when VSTB = GND.
V
RL
Load Resistor
≥ 4
Rthja
Thermal Resistance Junction to Ambient 5
5)
With heat sink surface = 125mm2.
90
°C/W


Số phần tương tự - TS4962IJT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS4962IQT STMICROELECTRONICS-TS4962IQT Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
More results

Mô tả tương tự - TS4962IJT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS4962M STMICROELECTRONICS-TS4962M_07 Datasheet
1Mb / 41P
   3W filter-free class D audio power amplifier
TS4962M STMICROELECTRONICS-TS4962M Datasheet
1Mb / 32P
   3W Filter - free Class D Audio Power Amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP2006 ISSI-IS31AP2006 Datasheet
332Kb / 14P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2006-DLS2-TR ISSI-IS31AP2006-DLS2-TR Datasheet
349Kb / 17P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com