công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABT7819A-30PN bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện SN74ABT7819A-30PN
Giải thích chi tiết về linh kiện  512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT7819A-30PN bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button SN74ABT7819A-30PN Datasheet HTML 2Page - Texas Instruments SN74ABT7819A-30PN Datasheet HTML 3Page - Texas Instruments SN74ABT7819A-30PN Datasheet HTML 4Page - Texas Instruments SN74ABT7819A-30PN Datasheet HTML 5Page - Texas Instruments SN74ABT7819A-30PN Datasheet HTML 6Page - Texas Instruments SN74ABT7819A-30PN Datasheet HTML 7Page - Texas Instruments SN74ABT7819A-30PN Datasheet HTML 8Page - Texas Instruments SN74ABT7819A-30PN Datasheet HTML 9Page - Texas Instruments SN74ABT7819A-30PN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SN74ABT7819A
512
× 18 × 2
CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCBS756 – MAY 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
enable logic diagram (positive logic)
CSA
W/RA
WENA
RENA
WEN FIFOA–B
A0–A17 (output enable)
REN FIFOB–A
CSB
W/RB
WENB
RENB
WEN FIFOB–A
B0–B17 (output enable)
REN FIFOA–B
Terminal Functions
TERMINAL†
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
A0–A17
7, 8, 10, 11,
13, 14, 16, 17,
19, 20, 22, 23,
25, 26, 28, 29,
31, 32
I/O
Port-A data. The 18-bit bidirectional data port for side A.
AF/AEA
3
O
FIFOA–B almost-full/almost-empty flag. Depth offsets can be programmed for AF/AEA or the default
value of 128 can be used for both the almost-empty offset (X) and the almost-full offset (Y). AF/AEA is
high when X or fewer words or (512 – Y) or more words are stored in FIFOA–B. AF/AEA is forced high
when FIFOA–B is reset.
AF/AEB
62
O
FIFOB–A almost-full/almost-empty flag. Depth offsets can be programmed for AF/AEB or the default
value of 128 can be used for both the almost-empty offset (X) and the almost-full offset (Y). AF/AEB is
high when X or fewer words or (512 – Y) or more words are stored in FIFOB–A. AF/AEB is forced high
when FIFOB–A is reset.
B0–B17
58, 57, 55, 54,
52, 51, 49, 48,
46, 45, 43, 42,
40, 39, 37, 36,
34, 33
I/O
Port-B data. The 18-bit bidirectional data port for side B.
CLKA
76
I
Port-A clock. CLKA is a continuous clock that synchronizes all data transfers through port A to its
low-to-high transition and can be asynchronous or coincident to CLKB.
CLKB
69
I
Port-B clock. CLKB is a continuous clock that synchronizes all data transfers through port B to its
low-to-high transition and can be asynchronous or coincident to CLKA.
CSA
80
I
Port-A chip select. CSA must be low to enable a low-to-high transition of CLKA to either write data from
A0–A17 to FIFOA–B or read data from FIFOB–A to A0–A17. The A0–A17 outputs are in the
high-impedance state when CSA is high.
CSB
65
I
Port-B chip select. CSB must be low to enable a low-to-high transition of CLKB to either write data from
B0–B17 to FIFOB–A or read data from FIFOA–B to B0–B17. The B0–B17 outputs are in the
high-impedance state when CSB is high.
† Terminal numbers are for the PH package.


Số phần tương tự - SN74ABT7819A-30PN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABT7819 TI-SN74ABT7819 Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819 TI1-SN74ABT7819 Datasheet
315Kb / 22P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819-10PH TI-SN74ABT7819-10PH Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819-10PN TI-SN74ABT7819-10PN Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819-12PH TI-SN74ABT7819-12PH Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

Mô tả tương tự - SN74ABT7819A-30PN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54ABT7819 TI-SN54ABT7819 Datasheet
289Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819 TI-SN74ABT7819 Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638 TI-SN74ACT3638 Datasheet
461Kb / 30P
[Old version datasheet]   512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638 TI1-SN74ACT3638_05 Datasheet
552Kb / 33P
[Old version datasheet]   512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI-SN74ACT3632 Datasheet
407Kb / 27P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7803 TI-SN74ALVC7803 Datasheet
196Kb / 14P
[Old version datasheet]   512 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820 TI-SN74ABT7820 Datasheet
196Kb / 15P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ABT7820 TI-SN54ABT7820 Datasheet
199Kb / 14P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3631 TI-SN74ACT3631 Datasheet
378Kb / 26P
[Old version datasheet]   512 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com