công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74HC175PW bảng dữ liệu(PDF) 7 Page - NXP Semiconductors |
|
74HC175PW bảng dữ liệu(HTML) 7 Page - NXP Semiconductors |
7 / 13 page 1998 Jul 08 7 Philips Semiconductors Product specification Quad D-type flip-flop with reset; positive-edge trigger 74HC/HCT175 AC WAVEFORMS Fig.6 Waveforms showing the clock (CP) to outputs (Qn, Qn) propagation delays, the clock pulse width, output transition times and the maximum clock pulse frequency. (1) HC : VM = 50%; VI = GND to VCC. HCT : VM = 1.3 V; VI = GND to 3 V. Fig.7 Waveforms showing the data set-up and hold times for the data input (Dn). The shaded areas indicate when the input is permitted to change for predictable output performance. (1) HC : VM = 50%; VI = GND to VCC. HCT : VM = 1.3 V; VI = GND to 3 V. Fig.8 Waveforms showing the master reset (MR) pulse width, the master reset to outputs (Qn, Qn) propagation delays and the master reset to clock (CP) removal time. (1) HC : VM = 50%; VI = GND to VCC. HCT : VM = 1.3 V; VI = GND to 3 V. |
Số phần tương tự - 74HC175PW |
|
Mô tả tương tự - 74HC175PW |