công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STMAV340 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STMAV340
Giải thích chi tiết về linh kiện  Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMAV340 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STMAV340 Datasheet HTML 1Page - STMicroelectronics STMAV340 Datasheet HTML 2Page - STMicroelectronics STMAV340 Datasheet HTML 3Page - STMicroelectronics STMAV340 Datasheet HTML 4Page - STMicroelectronics STMAV340 Datasheet HTML 5Page - STMicroelectronics STMAV340 Datasheet HTML 6Page - STMicroelectronics STMAV340 Datasheet HTML 7Page - STMicroelectronics STMAV340 Datasheet HTML 8Page - STMicroelectronics STMAV340 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
September 2005
1/21
21
Rev. 1
STMAV340
Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
Features
Bi-directional operation
4 input/output channels analog video switch
Wide bandwidth 300MHz
Low 4
Ω switch resistance between two ports
Excellent RON matching between channels
Minimal propagation delay through the switch
Low quiescent current consumption
VCC Operating Range: 4.0V to 5.5V
Zero bounce in flow-through mode
Control inputs compatible with TTL level
All input/output pins are on the same side
facilitates PCB routing
Data and control inputs provide the
undershoot clamp diode
Guaranteed break-before-make timing
High ESD rating: > 2kV HBM
–40°C to 85°C operating temperature range
Suitable for both RGB and Composite-Video
Switching
Available in a small TSSOP16 package
Applications
Advanced TVs
Front projectors
LCD Monitors
Notebook PCs
DVD Players
Order Codes
Description
The
STMAV340
is
a
bidirectional quad
(4
channel), high speed single pole/double throw
(SPDT), low power CMOS TTL-compatible analog
video
switch
designed
for
advanced
video
applications which demand
superior image
quality. The low ON Resistance (RON) of the
switch allows inputs to be connected to outputs
without adding propagation delay or generating
additional ground bounce noise.
STMAV340 is designed for very low cross-talk,
low bit-to-bit skew, high channel-to-channel noise
isolation, and low I/O capacitance. The switch
offers very little or practically no attenuation of the
high speed signals at the outputs, thus preserving
the signal integrity enough to pass stringent
requirements.
The STMAV340 is able to simplify the PCB routing
on inputs and outputs as well as reduce the
overall BOM costs by eliminating the need for
more costly input-output controllers.
TSSOP16
www.st.com
Part Number
Temperature Range
Package
Comments
STMAV340
–40
°C to +85°C
TSSOP16
STMAV340TTR


Số phần tương tự - STMAV340

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STMAV335 STMICROELECTRONICS-STMAV335 Datasheet
1Mb / 21P
   Low ON Resistance Triple, SP3T, Wide-Bandwidth Video Switch
STMAV335TTR STMICROELECTRONICS-STMAV335TTR Datasheet
1Mb / 21P
   Low ON Resistance Triple, SP3T, Wide-Bandwidth Video Switch
More results

Mô tả tương tự - STMAV340

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
Texas Instruments
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330_10 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330 Datasheet
382Kb / 18P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS3L100 TI-TS3L100_10 Datasheet
785Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com